Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7461A Datasheet(PDF) 10 Page - Analog Devices

Part # ADT7461A
Description  짹1째C Temperature Monitor with Series Resistance Cancellation
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7461A Datasheet(HTML) 10 Page - Analog Devices

Back Button ADT7461A Datasheet HTML 6Page - Analog Devices ADT7461A Datasheet HTML 7Page - Analog Devices ADT7461A Datasheet HTML 8Page - Analog Devices ADT7461A Datasheet HTML 9Page - Analog Devices ADT7461A Datasheet HTML 10Page - Analog Devices ADT7461A Datasheet HTML 11Page - Analog Devices ADT7461A Datasheet HTML 12Page - Analog Devices ADT7461A Datasheet HTML 13Page - Analog Devices ADT7461A Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADT7461A
Rev. A | Page 10 of 24
THEORY OF OPERATION
The ADT7461A is a local and remote temperature sensor and
over/under temperature alarm, with the added ability to auto-
matically cancel the effect of 1.5 kΩ (typical) of resistance in
series with the temperature monitoring diode. When the
ADT7461A is operating normally, the on-board ADC operates
in a free running mode. The analog input multiplexer alternately
selects either the on-chip temperature sensor to measure its
local temperature or the remote temperature sensor. The ADC
digitizes these signals and the results are stored in the local and
remote temperature value registers.
The local and remote measurement results are compared with
the corresponding high, low, and THERM temperature limits,
stored in eight on-chip registers. Out-of-limit comparisons
generate flags that are stored in the status register. A result that
exceeds the high temperature limit or the low temperature limit
causes the ALERT output to assert. The ALERT output also
asserts if an external diode fault is detected. Exceeding the THERM
temperature limits causes the THERM output to assert low. The
ALERT output can be reprogrammed as a second THERM output.
The limit registers are programmed and the device controlled
and configured via the serial SMBus. The contents of any
register are also read back via the SMBus.
Control and configuration functions consist of switching the
device between normal operation and standby mode, selecting
the temperature measurement range, masking or enabling the
ALERT output, switching Pin 6 between ALERT and THERM2,
and selecting the conversion rate.
SERIES RESISTANCE CANCELLATION
Parasitic resistance to the D+ and D− inputs to the ADT7461A,
seen in series with the remote diode, is caused by a variety of
factors, including PCB track resistance and track length. This
series resistance appears as a temperature offset in the remote
sensor’s temperature measurement. This error typically causes a
0.5°C offset per ohm of parasitic resistance in series with the
remote diode.
The ADT7461A automatically cancels the effect of this series
resistance on the temperature reading, giving a more accurate
result, without the need for user characterization of this resistance.
The ADT7461A is designed to automatically cancel typically up
to 1.5 kΩ of resistance. By using an advanced temperature
measurement method, this process is transparent to the user.
This feature permits resistances to be added to the sensor path to
produce a filter, allowing the part to be used in noisy environments.
See the section on Noise Filtering for more details.
TEMPERATURE MEASUREMENT METHOD
A simple method of measuring temperature is to exploit the
negative temperature coefficient of a diode, measuring the base
emitter voltage (VBE) of a transistor operated at constant current.
However, this technique requires calibration to null the effect of
the absolute value of VBE, which varies from device to device.
The technique used in the ADT7461A measures the change in VBE
when the device operates at three different currents. Previous
devices used only two operating currents, but it is the use of a third
current that allows automatic cancellation of resistances in series
with the external temperature sensor.
Figure 15 shows the input signal conditioning used to measure
the output of an external temperature sensor. This figure shows
the external sensor as a substrate transistor, but it can equally be
a discrete transistor. If a discrete transistor is used, the collector
is not grounded but is linked to the base. To prevent ground
noise interfering with the measurement, the more negative
terminal of the sensor is not referenced to ground, but is biased
above ground by an internal diode at the D− input. C1 may be
added as a noise filter (a recommended maximum value of
1000 pF). However, a better option in noisy environments is to
add a filter, as described in the Noise Filtering section. See the
Layout Considerations section for more information on C1.
To measure ΔVBE, the operating current through the sensor is
switched among three related currents. As shown in Figure 15,
N1 × I and N2 × I are different multiples of the current, I. The
currents through the temperature diode are switched between I
and N1 × I, giving ΔVBE1; and then between I and N2 × I, giving
ΔVBE2. The temperature is then calculated using the two ΔVBE
measurements. This method also cancels the effect of any series
resistance on the temperature measurement.
The resulting ΔVBE waveforms are passed through a 65 kHz
low-pass filter to remove noise and then to a chopper-stabilized
amplifier. This amplifies and rectifies the waveform to produce
a dc voltage proportional to ΔVBE. The ADC digitizes this voltage
producing a temperature measurement. To reduce the effects of
noise, digital filtering is performed by averaging the results of
16 measurement cycles for low conversion rates. At rates of 16-,
32-, and 64-conversions/second, no digital averaging occurs.
Signal conditioning and measurement of the internal
temperature sensor are performed in the same manner.


Similar Part No. - ADT7461A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461A ONSEMI-ADT7461A Datasheet
300Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
ADT7461AARMZ ONSEMI-ADT7461AARMZ Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461AARMZ-002 ONSEMI-ADT7461AARMZ-002 Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461AARMZ-2RL ONSEMI-ADT7461AARMZ-2RL Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
More results

Similar Description - ADT7461A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7461 AD-ADT7461 Datasheet
854Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. 0
logo
ON Semiconductor
NCT72CMTR2G ONSEMI-NCT72CMTR2G Datasheet
331Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NCT72 ONSEMI-NCT72_17 Datasheet
255Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
June, 2017 ??Rev. 5
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
322Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
July, 2012 ??Rev. 1
ADT7461 ONSEMI-ADT7461_14 Datasheet
274Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
ADT7461A ONSEMI-ADT7461A_13 Datasheet
300Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461 ONSEMI-ADT7461 Datasheet
291Kb / 20P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
NCT72 ONSEMI-NCT72 Datasheet
328Kb / 21P
   1C Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NVT211 ONSEMI-NVT211 Datasheet
287Kb / 19P
   1C Temperature Monitor with Series Resistance Cancellation
December, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com