Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9212 Datasheet(PDF) 54 Page - Analog Devices

Part # AD9212
Description  Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9212 Datasheet(HTML) 54 Page - Analog Devices

Back Button AD9212 Datasheet HTML 48Page - Analog Devices AD9212 Datasheet HTML 49Page - Analog Devices AD9212 Datasheet HTML 50Page - Analog Devices AD9212 Datasheet HTML 51Page - Analog Devices AD9212 Datasheet HTML 52Page - Analog Devices AD9212 Datasheet HTML 53Page - Analog Devices AD9212 Datasheet HTML 54Page - Analog Devices AD9212 Datasheet HTML 55Page - Analog Devices AD9212 Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
AD9212
Rev. 0 | Page 54 of 56
Item
Qty
per
Board
REFDES
Device
Package
Value
Manufacturer
Manufacturer
Part Number
55
9
T101, T102, T103,
T104, T201, T202,
T203, T204, T401
Transformer
CD542
ADT1-1WT+,
1:1 impedance ratio
transformer
Mini-Circuits
ADT1-1WT+
56
2
U704, U707
IC
SOT-223
ADP33339AKC-1.8-RL,
1.5 A, 1.8 V LDO
regulator
Analog Devices
ADP3339AKCZ-1.8-RL
57
2
U501, U601
IC
CP-64-3
AD8334ACPZ-REEL,
ultralow noise
precision dual VGA
Analog Devices
AD8334ACPZ-REEL
58
1
U706
IC
SOT-223
ADP33339AKC-5-RL7
Analog Devices
ADP3339AKCZ-5-RL7
59
1
U705
IC
SOT-223
ADP33339AKC-3.3-RL
Analog Devices
ADP3339AKCZ-3.3-RL
60
1
U301
IC
CP-64-3
AD9212BCPZ-50, octal,
10-bit, 65 MSPS serial
LVDS 1.8 V ADC
Analog Devices
AD9212BCPZ-65
61
1
U302
IC
SOT-23
ADR510ARTZ, 1.0 V,
precision low noise
shunt voltage
reference
Analog Devices
ADR510ARTZ
62
1
U401
IC
LFCSP
CP-32-2
AD9515BCPZ, 1.6 GHz
clock distribution IC
Analog Devices
AD9515BCPZ
63
1
U702
IC
SC70,
MAA06A
NC7WZ07P6X_NL,
UHS dual buffer
Fairchild
NC7WZ07P6X_NL
64
1
U703
IC
SC70,
MAA06A
NC7WZ16P6X_NL,
UHS dual buffer
Fairchild
NC7WZ16P6X_NL
65
1
U701
IC
8-SOIC
Flash prog
mem 1kx14,
RAM size 64 × 8,
20 MHz speed, PIC12F
controller series
Microchip
PIC12F629-I/SNG
1 This BOM is RoHS compliant.


Similar Part No. - AD9212

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9212 AD-AD9212 Datasheet
1Mb / 57P
   Serial LVDS, 1.8 V ADC
AD9212-65EB1 AD-AD9212-65EB1 Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9212-65EBZ AD-AD9212-65EBZ Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212-65EBZ AD-AD9212-65EBZ Datasheet
1Mb / 57P
   Serial LVDS, 1.8 V ADC
AD9212ABCPZ-40 AD-AD9212ABCPZ-40 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
More results

Similar Description - AD9212

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9212 AD-AD9212_11 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9222 AD-AD9222 Datasheet
2Mb / 56P
   Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com