Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9212 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9212
Description  Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9212 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9212 Datasheet HTML 40Page - Analog Devices AD9212 Datasheet HTML 41Page - Analog Devices AD9212 Datasheet HTML 42Page - Analog Devices AD9212 Datasheet HTML 43Page - Analog Devices AD9212 Datasheet HTML 44Page - Analog Devices AD9212 Datasheet HTML 45Page - Analog Devices AD9212 Datasheet HTML 46Page - Analog Devices AD9212 Datasheet HTML 47Page - Analog Devices AD9212 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
AD9212
Rev. 0 | Page 44 of 56
CW
CW
COM4
INH4
LMD4
COM4X
LON4
LOP4
VIP4
VIN4
VPS4
HILO
VPS1
VIN1
VIP1
LOP1
LON1
COM1X
LMD1
INH1
COM1
NC
COM2
VCM2
COM3
VCM3
VCM4
VCM1
GAIN12
CLMP12
EN12
EN34
CLMP34
GAIN34
External
Variable Gain Drive
Variable Gain Circuit
(0−1.0V DC)
External
Variable Gain Drive
Variable Gain Circuit
(0−1.0V DC)
62
61
60
59
58
57
56
55
54
53
52
51
50
49
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
63
64
10kΩ
R604
10kΩ
R612
AVDD_5V
AVDD_5V
VG78
0.1µF
C605
22pF
C603
VG56
C612
10µF
AVDD_5V
0.1µF
C601
187Ω
R613
274Ω
R603
0.018µF
C602
L601
120nH
0.1µF
C609
10kΩ
R605
C610
10µF
AVDD_5V
VG56
VG56
GND
0.1µF
C611
22pF
C614
0.1µF
C613
L602
120nH
274Ω
R607
0.018µF
C615
22pF
C620
0.1µF
C619
L603
120nH
274Ω
R608
C621
C626
22pF
C625
0.1µF
L604
120nH
R609
274Ω
C627
0.018µF
0.1µF
0.1µF
C636
10µF
C634
C633
10µF
AVDD_5V
VG78
VG78
GND
10kΩ
R611
C635
0.018µF
Figure 81. Evaluation Board Schematic, Optional DUT Analog Input Drive (Continued)


Similar Part No. - AD9212

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9212 AD-AD9212 Datasheet
1Mb / 57P
   Serial LVDS, 1.8 V ADC
AD9212-65EB1 AD-AD9212-65EB1 Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9212-65EBZ AD-AD9212-65EBZ Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212-65EBZ AD-AD9212-65EBZ Datasheet
1Mb / 57P
   Serial LVDS, 1.8 V ADC
AD9212ABCPZ-40 AD-AD9212ABCPZ-40 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
More results

Similar Description - AD9212

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9212 AD-AD9212_11 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9222 AD-AD9222 Datasheet
2Mb / 56P
   Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com