Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3100F20-27SXF80 Datasheet(PDF) 4 Page - ITT Industries

Part # CA3100F20-27SXF80
Description  MIL-C-5015 Connectors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CA3100F20-27SXF80 Datasheet(HTML) 4 Page - ITT Industries

  CA3100F20-27SXF80 Datasheet HTML 1Page - ITT Industries CA3100F20-27SXF80 Datasheet HTML 2Page - ITT Industries CA3100F20-27SXF80 Datasheet HTML 3Page - ITT Industries CA3100F20-27SXF80 Datasheet HTML 4Page - ITT Industries CA3100F20-27SXF80 Datasheet HTML 5Page - ITT Industries CA3100F20-27SXF80 Datasheet HTML 6Page - ITT Industries CA3100F20-27SXF80 Datasheet HTML 7Page - ITT Industries CA3100F20-27SXF80 Datasheet HTML 8Page - ITT Industries CA3100F20-27SXF80 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2
20
17
12
4
9
8,13
11
6
22
19
5,3
15
21
18
16
14
www.ittcannon.com
170
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-5015 Connectors
MS-E/F/R/ER
ITT Cannon Designated Alternate Insert Positions
Not MS approved
NOTE: Front view of pin insulator rotates as shown.
Note: For ITT Cannon contact arrangements not listed, consult factory.
Shell
Size
10SL
12S
20
24
32
32A10
32A47
36
36A16
36A34
36A46
36A66
40
40A27
40A33
10SLA4
12SA10
20A37
24A24
28A16
28A51
54 #16
47 #16
18 #12
52 #16
27 #12
52 #16
4 #12
60 #16
7 #8
6 #4
5 #20
4 #16
4 #8
12 #12
5 #16
4 #4
43 #16
A
A
A
A
A
A
2
3
4
5
6
8
9
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
Normal
Position
Angle
(degrees)
0
260
110
80
use pos. 3
85
250
280
105
100
use pos. 8
30
45
120
130
150
195
220
255
290
165
330
235
125
A
A
A
Inst.
D
A
A
A
3
3
3
3
3
3
14
3
3
5
4
3
4
4
4
4
4
4
5
17
5
5
8
9
5
5
5
5
5
5
5
8
20
8
8
13
12
8
8
8
8
8
8
8
9
22
13
12
9
9
9
9
9
9
9
13
13
13
12
12
12
12
12
12
17
13
13
13
13
13
18
15
20
13
2
2
2
2
2
2
4
2
2
3
2
2
3
28
Wire
Size
Service
Rating
Available Position
Contact
Arrange-
ment


Similar Part No. - CA3100F20-27SXF80

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3100 INTERSIL-CA3100 Datasheet
128Kb / 7P
   38MHz, Operational Amplifier
January 1999
logo
Harris Corporation
CA3100 HARRIS-CA3100 Datasheet
98Kb / 7P
   38MHz, Operational Amplifier
logo
ITT Industries
CA3100A ITT-CA3100A Datasheet
4Mb / 34P
   ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
CA3100A18-8P ITT-CA3100A18-8P Datasheet
4Mb / 34P
   CA/MS A and B
CA3100A18-8P ITT-CA3100A18-8P Datasheet
4Mb / 34P
   CA/MS A and B
More results

Similar Description - CA3100F20-27SXF80

ManufacturerPart #DatasheetDescription
logo
ITT Industries
5015 ITT-5015 Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
025-0458-000 ITT-025-0458-000 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Glenair, Inc.
M24758-9C11 GLENAIR-M24758-9C11 Datasheet
54Kb / 2P
   Adapter for MS3100 Series MIL-C-5015 Connectors
logo
ITT Industries
031-0560-121 ITT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0560-161 ITT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Dialight Corporation
031-0560-161 DIALIGHT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0554-161 DIALIGHT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 BULKHEAD RECEPTACLES
logo
Amphenol Corporation
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Dialight Corporation
031-0560-121 DIALIGHT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
ITT Industries
031-0554-161 ITT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com