Electronic Components Datasheet Search |
|
A51-428-3875 Datasheet(PDF) 24 Page - ITT Industries |
|
A51-428-3875 Datasheet(HTML) 24 Page - ITT Industries |
24 / 42 page Dimensions are shown in mm (inch) Dimensions subject to change 125 Assy Insts RF Coaxial Connectors Assembly Instructions AI-703 SMA Straight Connectors, Captive Contact, Crimp Type for Braided Cable 1. Strip cable to dimensions shown. Do not nick outer or inner conductors. Tin inner conductor. 2. Place shrink tubing, crimp ferrule and retaining nut on cable. Flare the cable outer conductor as shown. 3. Insert cable dielectric into rear body until it bottoms firmly against insulator as shown. 4. Place a 0,38 (.015) dia x 2,50 ± 0,51 (.100 ± .020) long solder wire into solder hole of the center contact. Heat center contact and push it over cable inner conductor until it bottoms against insulator as shown. Remove excess solder if necessary. 5. Insert rear body into front body. Engage threads of retaining nut to front body and hand tighten retaining nut. Hold front body firmly with a 7,93 (.312) hex. torque wrench and torque it to1,13-1,69 Nm (10-15 in. lbs.). by turning retaining nut only. 6. Slide crimp ferrule over flared portion of cable outer conductor. Crimp outer sleeve in place as shown. Push cable firmly toward connector when crimping. Trim and remove any excess outer conductor strands if necessary. Position shrink tubing over crimp sleeve apply indirect heat to shrink tubing down. HEAT SHRINKABLE TUBING CRIMP FERRULE RETAINING NUT REAR BODY CENTER CONTACT FRONT BODY ABC 13,46 (.530) 7,11 (.280) 3,56 (.140) Cable Type Cable Code Die Size RG142/U 9142 5,41 (.213) RG316/U 9188 3,25 (.128) RD316 9875 3,84 (.151) |
Similar Part No. - A51-428-3875 |
|
Similar Description - A51-428-3875 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |