Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3102E20-27SXF80 Datasheet(PDF) 12 Page - ITT Industries

Part # CA3102E20-27SXF80
Description  MIL-C-5015 Connectors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CA3102E20-27SXF80 Datasheet(HTML) 12 Page - ITT Industries

Back Button CA3102E20-27SXF80 Datasheet HTML 7Page - ITT Industries CA3102E20-27SXF80 Datasheet HTML 8Page - ITT Industries CA3102E20-27SXF80 Datasheet HTML 9Page - ITT Industries CA3102E20-27SXF80 Datasheet HTML 10Page - ITT Industries CA3102E20-27SXF80 Datasheet HTML 11Page - ITT Industries CA3102E20-27SXF80 Datasheet HTML 12Page - ITT Industries CA3102E20-27SXF80 Datasheet HTML 13Page - ITT Industries CA3102E20-27SXF80 Datasheet HTML 14Page - ITT Industries CA3102E20-27SXF80 Datasheet HTML 15Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
www.ittcannon.com
178
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-5015 Connectors
MS-E/F/R/ER
Box Mounting Receptacle
90˚ Angle Plug
MS3102E/MS3102R
CA3102E/CA3102R
MS3108R 90˚ angle plugs with
O ring seal less cable clamp)
and the MS3108E 90˚ angle
plugs (less O ring seal with
cable clamp) are used where
there is limited space and
where wires must be brought at
abrupt angles. This plugs will
mate with 3100 and 3102
receptacles and 3101 plugs.
MS3108E/MS3108R
Shell
Size
Shell
Size
†Not to MS specification
Performance Specifications - Page 168
Contact, Sealing Plugs, Assembly Tools - Page
187
Contact Arrangements - Page 171-174
8S
10S
10SL
12S
14S
16S
12
14
X DIMENSION
Shell Size
Contact Size
16
12
8
0
4
Max. Solder Pot Ext. - Pin or Socket
8S, 10S, 10SL
12S, 14S, 16S
12
14
16
18
20,22
24,28
32,36
.534
.518
.705
.705
.705
.674
.674
.612
.549
-
-
.705
.705
.705
.674
.674
.612
.549
-
-
-
.767
.767
.736
.736
.674
.611
-
-
-
-
.767
.736
.736
.674
.611
-
-
-
-
-
-
.971
.909
.846
1/2-28UNEF-2B
5/8-24UNEF-2B
5/8-24UNEF-2B
3/4-20UNEF-2B
7/8-20UNEF-2B
1-20UNEF-2B
3/4-20UNEF-2B
7/8-20UNEF-2B
1/2-28UNEF-2A
5/8-24UNEF-2A
5/8-24UNEF-2A
3/4-20UNEF-2A
7/8-20UNEF-2A
1-20UNEF-2A
3/4-20UNEF-2A
7/8-20UNEF-2A
1-20UNEF-2B
1-1/8-18UNEF-2B
1-1/4-18UNEF-2B
1-3/8-18UNEF-2B
1-1/2-18UNEF-2B
1-3/4-18UNS-2B
2-18UNS-2B
2-1/4-16UN-2B
2-1/2-16UN-2B
1-20UNEF-2A
1-1/8-18UNEF-2A
1-1/4-18UNEF-2A
1-3/8-18UNEF-2A
1-1/2-18UNEF-2A
1-3/4-18UNS-2A
2-18UNS-2A
2-1/4-16UN-2A
2-1/2-16UN-2A
16
18
20
22
24
28
32
36
40
Shell
Size
Box Mounting
Receptacle
Box Mounting
Receptacle
90˚ Angle
Plug
90˚ Angle
Plug
A Thread
A Thread
** Barrel engaging face to shoulder.
8S
10S
10SL
12S
14S
16S
12
14
16
18
20
22
24
28
32
36
40
.536 (13.61)
.536 (13.61)
.536 (13.61)
.536 (13.61)
.536 (13.61)
.536 (13.61)
.724 (18.39)
.724 (18.39)
.724 (18.39)
.724 (18.39)
.724 (18.39)
.724 (18.39)
.724 (18.39)
.724 (18.39)
.724 (18.39)
.724 (18.39)
.724 (18.39)
.844 (21.44)
.969 (24.61)
.969 (24.61)
1.062 (26.97)
1.156 (29.36)
1.250 (31.75)
1.062 (26.97)
1.156 (29.36)
1.250 (31.75)
1.344 (34.14)
1.469 (37.31)
1.594 (40.49)
1.719 (43.66)
1.969 (50.01)
2.219 (56.36)
2.469 (62.71)
2.723 (69.16)†
B
Min.
K
Max.
J**
Max.
L
Max.
M
+.031 (0.79)
-.000 (0.00)
T
+.010
-.005
P
Max.
R
+
_.005
S
+
_.031
L
Max.
3
P
Max.
1
1
V
Max.
1
X
Max.
Y
Max.
CA3108E/CA3108R
J**
A Thd.
(Class-2B)
End of
Thread
(MS3108R)
See page 185 for cable clamp dimensions.
Thread for
Attachment
of M85049/41
(MS3057)
Cable Clamp
Y
L
M
K
P
X
B
T Dia.
4 Mtg. Holes
A Thd.
(Class-2A)
Max. Solder
Pot Extension
R
S
3
L
1
V
1
P
1
X
.375 (9.53)
.375 (9.53)
.375 (9.53)
.375 (9.53)
.375 (9.53)
.375 (9.53)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.140 (3.56)
.140 (3.56)
.140 (3.56)
.146 (3.71)
.146 (3.71)
.146 (3.71)
.180 (4.57)
.180 (4.57)
.180 (4.57)
.203 (5.16)
.203 (5.16)
.203 (5.16)
.203 (5.16)
.203 (5.16)
1.040 (26.42)
1.040 (26.42)
1.040 (26.42)
1.040 (26.42)
1.040 (26.42)
1.040 (26.42)
1.400 (35.56)
1.400 (35.56)
1.400 (35.56)
1.400 (35.56)
1.400 (35.56)
1.400 (35.56)
1.400 (35.56)
1.400 (35.56)
1.400 (35.56)
1.400 (35.56)
1.400 (35.56)
2.156 (54.76)
2.156 (54.76)
2.188 (55.58)
2.188 (55.58)
2.312 (58.72)
2.406 (61.11)
2.531 (64.29)
2.688 (68.28)
2.781 (70.64)
2.844 (72.24)
3.250 (82.55)
3.250 (82.55)
3.719 (94.46)
3.719 (94.46)
4.188 (106.38)
4.297 (109.14)
7.211 (183.16)†
.426 (10.82)
.520 (13.21)
.614 (15.60)
.614 (15.60)
.739 (18.77)
.864 (21.95)
.614 (15.60)
.739 (18.77)
.864 (21.95)
.989 (25.12)
1.145 (29.08)
1.270 (32.26)
1.395 (35.43)
1.614 (41.00)
1.864 (47.35)
2.051 (52.10)
2.390 (60.71)
1.281 (30.94)
1.250 (31.75)
1.281 (32.54)
1.281 (32.54)
1.406 (35.71)
1.531 (38.89)
1.281 (32.54)
1.406 (35.71)
1.531 (38.89)
1.593 (40.46)
1.656 (42.06)
1.718 (43.64)
1.890 (48.01)
1.968 (49.99)
2.187 (55.55)
2.406 (61.11)
5.875 (149.22)
.811 (20.60)
.842 (21.39)
.873 (22.17)
.873 (22.17)
.936 (23.77)
.998 (25.35)
.873 (22.17)
.936 (23.77)
.998 (25.35)
1.061 (26.95)
1.123 (28.52)
1.186 (30.12)
1.263 (32.08)
1.342 (34.09)
1.561 (39.65)
1.780 (45.21)
-
1.640 (41.66)
1.640 (41.66)
1.703 (43.26)
1.703 (43.26)
1.765 (44.83)
1.796 (45.62)
2.062 (52.37)
2.125 (53.98)
2.156 (54.76)
2.250 (57.15)
2.312 (58.72)
2.312 (58.72)
2.531 (64.29)
2.531 (64.29)
2.750 (69.85)
2.875 (73.02)
5.690 (144.53)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.750 (19.05)
.750 (19.05)
.750 (19.05)
.750 (19.05)
.750 (19.05)
.750 (19.05)
.812 (20.62)
.812 (20.62)
.875 (22.23)
.875 (22.23)
.875 (22.23)
.594 (15.09)
.719 (18.26)
.719 (18.26)
.812 (20.62)
.906 (23.01)
.969 (24.61)
.812 (20.62)
.906 (23.01)
.969 (24.61)
1.062 (26.97)
1.156 (29.36)
1.250 (31.75)
1.375 (34.93)
1.562 (39.67)
1.750 (44.45)
1.938 (49.23)
2.188 (55.58)
.875 (22.23)
1.000 (25.40)
1.000 (25.40)
1.094 (27.79)
1.188 (30.18)
1.281 (32.54)
1.094 (27.79)
1.188 (30.18)
1.281 (32.54)
1.375 (34.93)
1.500 (38.10)
1.625 (41.28)
1.750 (44.45)
2.000 (50.80)
2.250 (57.15)
2.500 (63.50)
2.750 (69.85)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.147 (3.73)
.147 (3.73)
.173 (4.39)
.173 (4.39)
.173 (4.39)
MS3102E and MS3102R box mounting receptacles
are used in junction boxes or as an integral part of
equipment. These connectors are identical in con-
struction and will mate with 3106, 3107 and 3108
plugs. For new equipment, customer should specify
MS3102R.


Similar Part No. - CA3102E20-27SXF80

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3102E INTERSIL-CA3102E Datasheet
115Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
November 1999
CA3102E INTERSIL-CA3102E Datasheet
271Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
Renesas Technology Corp
CA3102E RENESAS-CA3102E Datasheet
568Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
ITT Industries
CA3102E10SL4PB ITT-CA3102E10SL4PB Datasheet
205Kb / 1P
   Box mounting receptacle
CA3102E14S-2PBA232 ITT-CA3102E14S-2PBA232 Datasheet
204Kb / 1P
   Box mounting receptacle Solder Cup / Pin / Layout: 14S-2
More results

Similar Description - CA3102E20-27SXF80

ManufacturerPart #DatasheetDescription
logo
ITT Industries
5015 ITT-5015 Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
025-0458-000 ITT-025-0458-000 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Glenair, Inc.
M24758-9C11 GLENAIR-M24758-9C11 Datasheet
54Kb / 2P
   Adapter for MS3100 Series MIL-C-5015 Connectors
logo
ITT Industries
031-0560-121 ITT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0560-161 ITT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Dialight Corporation
031-0560-161 DIALIGHT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0554-161 DIALIGHT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 BULKHEAD RECEPTACLES
logo
Amphenol Corporation
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Dialight Corporation
031-0560-121 DIALIGHT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
ITT Industries
031-0554-161 ITT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com