Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T4869 Datasheet(PDF) 2 Page - ITT Industries

Part # T4869
Description  1.0/2.3 RF Connector Series
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

T4869 Datasheet(HTML) 2 Page - ITT Industries

  T4869 Datasheet HTML 1Page - ITT Industries T4869 Datasheet HTML 2Page - ITT Industries T4869 Datasheet HTML 3Page - ITT Industries T4869 Datasheet HTML 4Page - ITT Industries T4869 Datasheet HTML 5Page - ITT Industries T4869 Datasheet HTML 6Page - ITT Industries T4869 Datasheet HTML 7Page - ITT Industries T4869 Datasheet HTML 8Page - ITT Industries T4869 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
RF Coaxial Connectors
www.ittcannon.com
Dimensions are shown in mm (inch)
Dimensions subject to change
2
Contents
RF0104
ITT Cannon, a Division of ITT Industries, Inc. manufactures the highest quality products available in the marketplace; however these products are
intended to be used in accordance with the specifications in this publication. Any use or application that deviates from the stated operating specifications
is not recommended and may be unsafe. No information and data contained in this publication shall be construed to create any liability on the part
of Cannon.
Any new issue of this publication shall automatically invalidate and supersede any and all previous issues. A limited warranty applies to Cannon
products. Except for obligations assumed by Cannon under this warranty, ITT Industries shall not be liable for any loss, damage, cost of
repairs, incidental or consequential damages of any kind, whether or not based on express or implied warranty, contract, negligence, or strict
liability arising in connection with the design, manufacture, sale, use, or repair of the products. Product availability, prices and delivery dates
are exclusively subject to our respective order confirmation form; the same applies to orders based on development samples delivered. This publication
is not to be construed as an offer. It is intended merely as an invitation to make an offer. By this publication, Cannon does not assume responsibility
oranyliabilityforanypatentinfringementsorotherrightsofthirdpartieswhichmayresultfromitsuse. Reprintingthis publicationisgenerallypermitted,
indicating the source. However, Cannon‘s prior consent must be obtained in all cases.
Cannon is a trademark of ITT Industries, Inc.
Description
Page
Introduction
1.0/2.3 50 Ohm Range
1.0/2.3 75 Ohm Plugs
Type 54 Range
1.0/2.3 75 Ohm Jacks
MID - Surface Mount Jacks
Baluns
U - Links
1.0/2.3 - 1.0/2.3 In - Series Adaptors
1.0/2.3 - 1.6/5.6 Between - Series Adaptors
1.0/2.3 - BNC Between - Series Adaptors
Terminations & Attenuators
Tooling
Assembly Instructions
Part Number Index
Other ITT Cannon Product Listing
Product Safety Information
3
5
7
8
9
12
16
17
18
19
20
21
22
23
32
33
34


Similar Part No. - T4869

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T48.14K0 INFINEON-T48.14K0 Datasheet
81Kb / 2P
   Gate leads for MP disc devices Zubehör Date
2013-10-01 Revision: 3.1
logo
E-SWITCH
T480000 E-SWITCH-T480000 Datasheet
106Kb / 1P
   400UDP1R1BLKM2RE
T480001 E-SWITCH-T480001 Datasheet
129Kb / 1P
   400UDP1R1BLKM6RE
T480002 E-SWITCH-T480002 Datasheet
120Kb / 1P
   400UDP1R1BLKM7RE
T480003 E-SWITCH-T480003 Datasheet
105Kb / 1P
   400UDP1L1BLKM2RE
More results

Similar Description - T4869

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-2016691 TEC-C-2016691 Datasheet
174Kb / 1P
   RF CA,1.0-2.3 BULKHEAD TO UMCC GEN1 WITH 1.37CABLE
logo
Pasternack Enterprises,...
PE3C0441 PASTERNACK-PE3C0441 Datasheet
330Kb / 3P
   1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable Using RG316 Coax
logo
Amphenol Corporation
282134-75 AMPHENOL-282134-75 Datasheet
71Kb / 1P
   1.0/2.3/PCB RECEPTACLE SURFACE MOUNT
logo
Pasternack Enterprises,...
PE44243 PASTERNACK-PE44243 Datasheet
252Kb / 2P
   1.0/2.3 Plug Connector Crimp/Solder Attachment For RG58
PE9690 PASTERNACK-PE9690 Datasheet
257Kb / 3P
   SMA Male to 1.0/2.3 Jack Adapter
PE3C0441-60 PASTERNACK-PE3C0441-60 Datasheet
454Kb / 3P
   1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 60 Inch Length Using RG316 Coax, RoHS
PE3C0441-72 PASTERNACK-PE3C0441-72 Datasheet
454Kb / 3P
   1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 72 Inch Length Using RG316 Coax, RoHS
logo
Molex Electronics Ltd.
0731740290 MOLEX11-0731740290 Datasheet
59Kb / 1P
   50 Ohms, DIN 1.0/2.3 Jack, Straight
logo
Amphenol Corporation
282121-75 AMPHENOL-282121-75 Datasheet
66Kb / 1P
   1.0/2.3 PCB BULKHEAD RECEPTACLE - 75 OHM
logo
Pasternack Enterprises,...
PE3C0441-12 PASTERNACK-PE3C0441-12 Datasheet
453Kb / 3P
   1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 12 Inch Length Using RG316 Coax, RoHS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com