Electronic Components Datasheet Search |
|
9221J1Z4QE2 Datasheet(PDF) 1 Page - ITT Industries |
|
9221J1Z4QE2 Datasheet(HTML) 1 Page - ITT Industries |
1 / 5 page Models Available C&K 9000 Series Power Rocker and Lever Handle Switches Features/Benefits • Thermoset UL 94V-0 housing • Rugged construction • Variety of actuator and termination options • RoHS compliant Typical Applications • Small equipment • Shut-off switch Specifications CONTACT RATING: 9201 Model: 6 AMPS @ 120 V AC or 28 V DC; 3 AMPS @ 250 V AC. 9221 Model: 10 AMPS @ 125 V AC or 28 V DC; 5 AMPS @ 250 V AC. ELECTRICAL LIFE: 25,000 make-and-break cycles at full load. CONTACT RESISTANCE: Below 10 m Ω typ. initial @ 2–4 V DC, 100 mA. INSULATION RESISTANCE: 109 Ω min. DIELECTRIC STRENGTH: 2,500 Vrms min. @ sea level. OPERATING TEMPERATURE: –30ºC to 85ºC. SOLDERABILITY: Per MIL-STD-202F method 208D, or EIA RS-186E method 9 (1 hour steam aging). NOTE: Any models supplied with Q contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. Materials CASE: Diallyl phthalate (DAP) (UL 94V-0). ACTUATOR: Nylon, black standard. FRAME-REAR MOUNT OPTIONS: Spring steel, black. BUSHING: Brass, nickel plated. HOUSING: Stainless steel. SWITCH SUPPORT: Brass or steel, matte-tin plated. MOUNTING BRACKET: Stainless steel. END CONTACTS: 9201 Model: Coin silver, silver plated. 9221 Model: Silver cadmium oxide. CENTER CONTACTS: Copper alloy, silver plated ALL TERMINALS: 9201 Model: Copper alloy, silver plated. 9221 Model: Copper alloy, matte-tin plated. TERMINAL SEAL: Epoxy. HARDWARE: Nut, Screw & Lockwasher: Stainless steel. Standoff: Nylon standard, aluminum available, consult Customer Service Center. *Cadmium used in electrical contacts is acceptable for RoHS. Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages H-53 through H-57. For additional options not shown in catalog, consult Customer Service Center. Switch Function 9201 DP On-On, 6 Amps 9221 DP On-On, 10 Amps Actuator J1 Rocker J2 Lever J3 Rocker J37 Rocker with metal frame Actuator Color 2 Black 1 White 3 Red Frame Color 2 Black NONE No frame color required Contact Material Q Silver Terminations Z Solder lug (9201 only) AV2 Vertical right angle, PC thru-hole (9201 only) C PC Thru-hole (9201 only) Z4 Quick connect Seal E Epoxy D No Seal H–53 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com H |
Similar Part No. - 9221J1Z4QE2 |
|
Similar Description - 9221J1Z4QE2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |