Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OXU140CM Datasheet(PDF) 14 Page - Oxford Semiconductor

Part # OXU140CM
Description  USB On-The-Go Full Speed Host, High Speed Peripheral with Multi-Storage Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXU140CM Datasheet(HTML) 14 Page - Oxford Semiconductor

Back Button OXU140CM Datasheet HTML 10Page - Oxford Semiconductor OXU140CM Datasheet HTML 11Page - Oxford Semiconductor OXU140CM Datasheet HTML 12Page - Oxford Semiconductor OXU140CM Datasheet HTML 13Page - Oxford Semiconductor OXU140CM Datasheet HTML 14Page - Oxford Semiconductor OXU140CM Datasheet HTML 15Page - Oxford Semiconductor OXU140CM Datasheet HTML 16Page - Oxford Semiconductor OXU140CM Datasheet HTML 17Page - Oxford Semiconductor OXU140CM Datasheet HTML 18Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
External--Free Release
DS-0038 Jul 06
OXU140CM Data Sheet
Oxford Semiconductor, Inc.
Table 14
 lists the BGA pin allocations.
Table 14 OXU140CM 100-Ball BGA Pin Allocations (Sheet 1 of 3)
Pin
No.
Pins
Type(1)
Name
Description
Processor Interface (39 pins)
B3, A3, B2, C3,
B1, A2, C1, A1,
C2, D1, D3, D2,
E4, E3, E2, E1
16
MSBCT
D0 - D15
16-bit data bus
G3, F2, G1, G2,
J7, H4, J4, K4,
H5, K5, J5, H6,
J6, G6
14
MSID
A1 - A14
Address bus for direct address space
F3
1
MSIU
/WR
Write strobe
F1
1
MSIU
/RD
Read strobe
K6
1
MSIU
/CS
Chip select
D4
1
MOCT
/INT
Interrupt to the MCU.This pin can be software
configured as a driven output or open drain. Open
drain is the default
C6
1
MSIU
/RESET
Hardware reset
C5, B5
2
MOCT
DRQ1, DRQ0
DMA request outputs to support two channels
B4, A4
2
MSI
ACK1, ACK0
DMA acknowledge
General Purpose I/O (3 pins)
A7, A5, C4
3
MSBC
GPIO, GPXA, GPXB
General purpose I/O
Power & Ground (21 pins)
B7, C8, C9, J8,
K9
5VDD3.3A
Analog +3.3 V power
B10, C7, D10,
H7, J10
5VSSA
Analog ground
D6, D7
2
VDD3.3
Digital +3.3 V power
F4, F7, G7
3
VDD1.8
1.8 V core power. VREGOUT may be used for the
supplies
D5. E5
2
VDDW
Wide-range I/O +1.65 V to +3.6 V for the processor
interface
G5
1
VDDCE
Wide-range I/O +1.65 V to +3.6 V for the media port
E6, F5, F6
3
VSS
Digital/wide-range I/O ground
USB Interface (13 pins)
H8 J9
2
B
DMP, DPP
Data lines for USB peripheral port, which may serve
as an OTG port in combination with host port 1. If not
used, these two pins should be left floating
G8, H9
2
B
DM1, DP1
Data lines for Host Port 1, which may serve as a USB
host or an OTG port in combination with the
peripheral port. If not used, these two pins should be
left floating


Similar Part No. - OXU140CM

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OXU121HP OXFORD-OXU121HP Datasheet
530Kb / 22P
   USB On-The-Go Full-Speed Host and High-Speed Peripheral Controller
OXU121HP-LQBG OXFORD-OXU121HP-LQBG Datasheet
530Kb / 22P
   USB On-The-Go Full-Speed Host and High-Speed Peripheral Controller
OXU121HP-PBBG OXFORD-OXU121HP-PBBG Datasheet
530Kb / 22P
   USB On-The-Go Full-Speed Host and High-Speed Peripheral Controller
More results

Similar Description - OXU140CM

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OXU121HP OXFORD-OXU121HP Datasheet
530Kb / 22P
   USB On-The-Go Full-Speed Host and High-Speed Peripheral Controller
logo
ATMEL Corporation
AT43USB380 ATMEL-AT43USB380 Datasheet
64Kb / 8P
   On-The-Go Upgrade of the AT43USB370 USB 2.0 Full-Speed Host/Function Processor
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200 Datasheet
618Kb / 98P
   EZ-OTG Programmable USB On-The-Go Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200_13 Datasheet
1Mb / 92P
   EZ-OTG??Programmable USB On-The-Go Host/Peripheral Controller
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A_08 Datasheet
606Kb / 44P
   High speed USB On-The-Go ULPI transceiver
STULPI01A STMICROELECTRONICS-STULPI01A_12 Datasheet
1Mb / 44P
   High-speed USB On-The-Go ULPI transceiver
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
   High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
ISP1507A ETC2-ISP1507A Datasheet
1Mb / 81P
   ULPI Hi-Speed USB On-The-Go transceiver
logo
Texas Instruments
TUSB6020 TI-TUSB6020_08 Datasheet
485Kb / 20P
[Old version datasheet]   USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
TUSB6020 TI-TUSB6020 Datasheet
230Kb / 12P
[Old version datasheet]   USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com