Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OXU121HP-LQBG Datasheet(PDF) 9 Page - Oxford Semiconductor

Part # OXU121HP-LQBG
Description  USB On-The-Go Full-Speed Host and High-Speed Peripheral Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXU121HP-LQBG Datasheet(HTML) 9 Page - Oxford Semiconductor

Back Button OXU121HP-LQBG Datasheet HTML 5Page - Oxford Semiconductor OXU121HP-LQBG Datasheet HTML 6Page - Oxford Semiconductor OXU121HP-LQBG Datasheet HTML 7Page - Oxford Semiconductor OXU121HP-LQBG Datasheet HTML 8Page - Oxford Semiconductor OXU121HP-LQBG Datasheet HTML 9Page - Oxford Semiconductor OXU121HP-LQBG Datasheet HTML 10Page - Oxford Semiconductor OXU121HP-LQBG Datasheet HTML 11Page - Oxford Semiconductor OXU121HP-LQBG Datasheet HTML 12Page - Oxford Semiconductor OXU121HP-LQBG Datasheet HTML 13Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DS-0040 Aug 06
External--Free Release
9
Oxford Semiconductor, Inc.
OXU121HP Data Sheet
Power
Consumption
Table 12 gives typical power consumption figures for the OXU121HP.
The above measurements are at typical process corner and room 
temperature and do not account for process and temperature variations.
Peripheral operational current is measured with 5 m cable with 
maximum switching and BULK OUT transfer at 400 Mbps with 92.6% 
bus utilization during one microframe. The actual average current in 
customer applications will be lower.
Table 12 OXU121HP Power Consumption
Condition
Min
Max
Unit
Host operational current
ENVREG = 1
30
mA
Peripheral operational current
High-speed,
ENVREG = 1
75
mA
Full-speed,
ENVREG = 1
50
mA
Host suspend state current
ENVREG = 1
150 (typical)
µA
Peripheral suspend state current
ENVREG = 1
400 (typical)
µA
Power save state current
ENVREG = 1
150 (typical)
µA


Similar Part No. - OXU121HP-LQBG

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OXU140CM OXFORD-OXU140CM Datasheet
515Kb / 20P
   USB On-The-Go Full Speed Host, High Speed Peripheral with Multi-Storage Interface
OXU140CM-LQBG OXFORD-OXU140CM-LQBG Datasheet
515Kb / 20P
   USB On-The-Go Full Speed Host, High Speed Peripheral with Multi-Storage Interface
OXU140CM-PBBG OXFORD-OXU140CM-PBBG Datasheet
515Kb / 20P
   USB On-The-Go Full Speed Host, High Speed Peripheral with Multi-Storage Interface
More results

Similar Description - OXU121HP-LQBG

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OXU140CM OXFORD-OXU140CM Datasheet
515Kb / 20P
   USB On-The-Go Full Speed Host, High Speed Peripheral with Multi-Storage Interface
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200 Datasheet
618Kb / 98P
   EZ-OTG Programmable USB On-The-Go Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200_13 Datasheet
1Mb / 92P
   EZ-OTG??Programmable USB On-The-Go Host/Peripheral Controller
logo
ATMEL Corporation
AT43USB380 ATMEL-AT43USB380 Datasheet
64Kb / 8P
   On-The-Go Upgrade of the AT43USB370 USB 2.0 Full-Speed Host/Function Processor
logo
Texas Instruments
TUSB6020 TI-TUSB6020_08 Datasheet
485Kb / 20P
[Old version datasheet]   USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
TUSB6020 TI-TUSB6020 Datasheet
230Kb / 12P
[Old version datasheet]   USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A_08 Datasheet
606Kb / 44P
   High speed USB On-The-Go ULPI transceiver
STULPI01A STMICROELECTRONICS-STULPI01A_12 Datasheet
1Mb / 44P
   High-speed USB On-The-Go ULPI transceiver
logo
NXP Semiconductors
ISP1505C NXP-ISP1505C Datasheet
393Kb / 76P
   ULPI Hi-Speed USB host and peripheral transceiver
Rev. 03-26 August 2008
logo
Cypress Semiconductor
CY7C64713 CYPRESS-CY7C64713_08 Datasheet
1Mb / 54P
   EZ-USB FX1??USB Microcontroller Full-speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com