Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OXU121HP Datasheet(PDF) 11 Page - Oxford Semiconductor

Part # OXU121HP
Description  USB On-The-Go Full-Speed Host and High-Speed Peripheral Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXU121HP Datasheet(HTML) 11 Page - Oxford Semiconductor

Back Button OXU121HP Datasheet HTML 7Page - Oxford Semiconductor OXU121HP Datasheet HTML 8Page - Oxford Semiconductor OXU121HP Datasheet HTML 9Page - Oxford Semiconductor OXU121HP Datasheet HTML 10Page - Oxford Semiconductor OXU121HP Datasheet HTML 11Page - Oxford Semiconductor OXU121HP Datasheet HTML 12Page - Oxford Semiconductor OXU121HP Datasheet HTML 13Page - Oxford Semiconductor OXU121HP Datasheet HTML 14Page - Oxford Semiconductor OXU121HP Datasheet HTML 15Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DS-0040 Aug 06
External--Free Release
11
Oxford Semiconductor, Inc.
OXU121HP Data Sheet
Table 13 lists the LQFP pin allocations.
Table 13 OXU121HP 100-Pin LQFP Pin Allocations (Sheet 1 of 3)
Pin
No.
Bits
Type(1)
Name
Description
Processor Interface (37 pins)
2, 3, 4, 5, 8, 9, 10,
11, 13, 14, 15, 16,
96, 97, 98, 99
16
MSBCT
D0 - D15
16-bit data bus. Pull-up/pull-down can be controlled
through register 0x034, bits 2:1. Default is none
22, 23, 24, 25, 28,
29, 30 32, 33, 34,
35, 36
12
MSID
A1 - A12
Address bus for direct address space of 8 Kbytes.
Pull-up can be enabled through register 0x034, bits
9:8. Default is pull-down
20
1
MSIU
/WR
Write strobe. Pull-up can be disabled through register
0x034, bit 13. Default is pull-up
21
1
MSIU
/RD
Read strobe. Pull-up can be disabled through register
0x034, bit 13. Default is pull-up
39
1
MSIU
/CS
Chip select. Pull-up can be disabled through register
0x034, bit 13. Default is pull-up
19
1
MOCT
/INT
Interrupt to the MCU.This pin can be software
configured as a driven output or open drain. Open
drain is the default
86
1
MSIU
/RESET
Hardware reset. Pull-up is always enabled
89, 92
2
MOCT
DRQ1, DRQ0
DMA request outputs to support two channels
90, 93
2
MSI
ACK1, ACK0
DMA acknowledge. Pull-up/pull-down can be
controlled through register 0x03A, bits 1:0. Default is
none
General Purpose I/O (1 pin)
88
1
BC
GPIO
General purpose I/O
Power & Ground (34 pins)
1, 12, 27, 41, 51,
65, 75, 83
8VSS
Digital/wide-range ground
42, 47, 69, 74, 82
5
VSSA
Analog ground
6, 18, 40, 53, 57,
66, 84, 100
8VDD1.8
1.8 V core power. VREGOUT may be used for the
supplies
43, 48, 70, 73, 81
5
VDD3.3A
Analog +3.3 V power
56, 78
2
VDD3.3
Digital +3.3 V power
7, 17, 26, 31, 85,
95
6VDDW
Wide-range I/O +1.8 V to +3.3 V. If using +1.8 V,
VREGOUT may be used for these supplies
USB Interface (13 pins)
76, 77
2
B
DP2, DM2
Data lines for host port 2, a dedicated USB host port.
If not used, these pins should be left floating
54, 55
2
B
DP1, DM1
Data lines for host port 1, which can serve as a USB
host or an OTG port in combination with the
peripheral port. If not used, these pins should be left
floating


Similar Part No. - OXU121HP

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OXU140CM OXFORD-OXU140CM Datasheet
515Kb / 20P
   USB On-The-Go Full Speed Host, High Speed Peripheral with Multi-Storage Interface
OXU140CM-LQBG OXFORD-OXU140CM-LQBG Datasheet
515Kb / 20P
   USB On-The-Go Full Speed Host, High Speed Peripheral with Multi-Storage Interface
OXU140CM-PBBG OXFORD-OXU140CM-PBBG Datasheet
515Kb / 20P
   USB On-The-Go Full Speed Host, High Speed Peripheral with Multi-Storage Interface
More results

Similar Description - OXU121HP

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OXU140CM OXFORD-OXU140CM Datasheet
515Kb / 20P
   USB On-The-Go Full Speed Host, High Speed Peripheral with Multi-Storage Interface
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200 Datasheet
618Kb / 98P
   EZ-OTG Programmable USB On-The-Go Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200_13 Datasheet
1Mb / 92P
   EZ-OTG??Programmable USB On-The-Go Host/Peripheral Controller
logo
ATMEL Corporation
AT43USB380 ATMEL-AT43USB380 Datasheet
64Kb / 8P
   On-The-Go Upgrade of the AT43USB370 USB 2.0 Full-Speed Host/Function Processor
logo
Texas Instruments
TUSB6020 TI-TUSB6020_08 Datasheet
485Kb / 20P
[Old version datasheet]   USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
TUSB6020 TI-TUSB6020 Datasheet
230Kb / 12P
[Old version datasheet]   USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A_08 Datasheet
606Kb / 44P
   High speed USB On-The-Go ULPI transceiver
STULPI01A STMICROELECTRONICS-STULPI01A_12 Datasheet
1Mb / 44P
   High-speed USB On-The-Go ULPI transceiver
logo
NXP Semiconductors
ISP1505C NXP-ISP1505C Datasheet
393Kb / 76P
   ULPI Hi-Speed USB host and peripheral transceiver
Rev. 03-26 August 2008
logo
Cypress Semiconductor
CY7C64713 CYPRESS-CY7C64713_08 Datasheet
1Mb / 54P
   EZ-USB FX1??USB Microcontroller Full-speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com