Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OXMPCI954 Datasheet(PDF) 8 Page - Oxford Semiconductor

Part # OXMPCI954
Description  Integrated High Performance Quad UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXMPCI954 Datasheet(HTML) 8 Page - Oxford Semiconductor

Back Button OXMPCI954 Datasheet HTML 4Page - Oxford Semiconductor OXMPCI954 Datasheet HTML 5Page - Oxford Semiconductor OXMPCI954 Datasheet HTML 6Page - Oxford Semiconductor OXMPCI954 Datasheet HTML 7Page - Oxford Semiconductor OXMPCI954 Datasheet HTML 8Page - Oxford Semiconductor OXMPCI954 Datasheet HTML 9Page - Oxford Semiconductor OXMPCI954 Datasheet HTML 10Page - Oxford Semiconductor OXMPCI954 Datasheet HTML 11Page - Oxford Semiconductor OXMPCI954 Datasheet HTML 12Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 121 page
background image
DS-0019 Jun 05
External—Free Release
Page 8
OXmPCI954
OXFORD SEMICONDUCTOR LTD.
2 OXMPCI954 DEVICE MODES
The OXmPCI954 supports several modes of operation.
3 modes of the device are (software) backwards compatible with the OX16PCI954 device. There are a further 3 modes that are
enhanced modes, which offer additional features over those available in the backwards compatible modes. Then, there is a
standalone mode that allows a synchronous local bus access to the internal UARTs, without any form of PCI transactions. These
modes are summarized in the following table.
Device Mode
Mode Pin Selection
Functionality
Backwards Compatible /
Enhanced Modes
000
MODE(2:0) = 000
Function 0 : QUAD Uarts
Function 1 : 8-bit Local Bus
Backwards Compatible*
001
MODE(2:0) = 001
Function 0 : QUAD Uarts
Function 1 : Parallel Port
Backwards Compatible*
010
MODE(2:0) = 010
Function 0 : QUAD Uarts
Subsys ID/Subsys Vendor ID via Device Pins
Backwards Compatible*
011
MODE(2:0) = 011
Function 0 : QUAD Uarts (Unique BARs)
Function 1 : 8-bit Local Bus
Enhanced Mode
100
MODE(2:0) = 100
Function 0 : QUAD Uarts
Function 1 : 8-bit Local Bus
Enhanced Mode
101
MODE(2:0) = 101
Function 0 : QUAD Uarts
Function 1 : Parallel Port
Enhanced Mode
110
MODE(2:0) = 110
TestMode (Reserved).
N/A
111
MODE(2:0) = 111
Standalone Mode
N/A
* The OXmPCI954 is not a direct ‘drop-in’ replacement part for the OX16PCI954 owing to a small pinout change and voltage.
The device is only S/W compatible.
In the Enhanced Modes, the following additional features are made available over the underlying functionality of the device.
Pin 88/M15 (MIO[11]) is re-defined as a PCI/miniPCI Mode Selection Pin.
Functionality normally associated with the pin MIO[11] is no longer available. This results in the pins MIO[10:0] serving as
Multi-purpose I/O pins.
All Function 0 and Function 1 interrupts assert on the INTA# pin (by default).
Local Registers provide additional Controls and Status Indication.
Function 0 option to allow each UART to be separately addressable via its own Base Address Register (in I/O Space)
This option can be exercised by the device pins (MODE 011) or by using the external EEPROM to set a specified field in the
local registers.
Function 0 and Function 1 Power Management Registers indicate Compatibility to Power Management Specification 1.1
Each function implements Power Management Data/Data Scale fields, returning user defined data.
Availability of 2 Additional EEPROM Zones : The Power Management Data Zone and The Function Access Zone.
Specifically for MiniPCI Selection (Pin 88/M15 = ‘1’ in Enhanced Modes)
Device pin INTB#’ is re-defined as a CLKRUN# pin. Compliant to PCI Mobile Design Guide revision 1.1
For PCI modes (Pin 88/M15 = ‘0’ in Enhanced Modes) INTB# is an unused PCI interrupt line.
Device supports PME# generation from the D3cold state and preserves PME# context. This is compliant to Mini
PCI Specification, revision 1.0


Similar Part No. - OXMPCI954

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OXMPCI952 OXFORD-OXMPCI952 Datasheet
668Kb / 108P
   Integrated High Performance Dual UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.
OXMPCI952-LQ-A OXFORD-OXMPCI952-LQ-A Datasheet
668Kb / 108P
   Integrated High Performance Dual UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.
OXMPCI952-LQAG OXFORD-OXMPCI952-LQAG Datasheet
668Kb / 108P
   Integrated High Performance Dual UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.
OXMPCI952-VBAG OXFORD-OXMPCI952-VBAG Datasheet
668Kb / 108P
   Integrated High Performance Dual UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.
More results

Similar Description - OXMPCI954

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OXMPCI952 OXFORD-OXMPCI952 Datasheet
668Kb / 108P
   Integrated High Performance Dual UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.
logo
List of Unclassifed Man...
OX9162 ETC1-OX9162 Datasheet
334Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
Oxford Semiconductor
OX9162 OXFORD-OX9162 Datasheet
515Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
OX16PCI952 OXFORD-OX16PCI952_05 Datasheet
539Kb / 77P
   Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
OX16PCI952 OXFORD-OX16PCI952 Datasheet
1Mb / 76P
   Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
logo
List of Unclassifed Man...
OX16PCI952 ETC-OX16PCI952 Datasheet
1Mb / 76P
   Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
logo
Oxford Semiconductor
OX9160 OXFORD-OX9160 Datasheet
233Kb / 38P
   PCI Peripheral Bridge with EPP Parallel Port & 8/32 bit local bus
OXCB950 OXFORD-OXCB950 Datasheet
597Kb / 67P
   Integrated High Performance UART Cardbus / 3.3v PCI interface
logo
List of Unclassifed Man...
OX12PCI840 ETC-OX12PCI840 Datasheet
541Kb / 32P
   Integrated Parallel Port and PCI interface
logo
Oxford Semiconductor
OX12PCI840 OXFORD-OX12PCI840 Datasheet
280Kb / 33P
   Integrated Parallel Port and PCI interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com