Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OXMPCI954 Datasheet(PDF) 6 Page - Oxford Semiconductor

Part # OXMPCI954
Description  Integrated High Performance Quad UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXMPCI954 Datasheet(HTML) 6 Page - Oxford Semiconductor

Back Button OXMPCI954 Datasheet HTML 2Page - Oxford Semiconductor OXMPCI954 Datasheet HTML 3Page - Oxford Semiconductor OXMPCI954 Datasheet HTML 4Page - Oxford Semiconductor OXMPCI954 Datasheet HTML 5Page - Oxford Semiconductor OXMPCI954 Datasheet HTML 6Page - Oxford Semiconductor OXMPCI954 Datasheet HTML 7Page - Oxford Semiconductor OXMPCI954 Datasheet HTML 8Page - Oxford Semiconductor OXMPCI954 Datasheet HTML 9Page - Oxford Semiconductor OXMPCI954 Datasheet HTML 10Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 121 page
background image
DS-0019 Jun 05
External—Free Release
Page 6
OXmPCI954
OXFORD SEMICONDUCTOR LTD.
1 PERFORMANCE COMPARISON
Feature
OXmPCI954
16C554 +
PCI Bridge
16C654 +
PCI Bridge
Internal serial channels
4
0
0
Integral IEEE 1284 EPP/ECP parallel port
yes
no
no
Multi-function PCI device
yes
no
no
Support for PCI Power Management
yes
no
no
Zero wait-state write operation
yes1
no
no
No. of available Local Bus interrupt pins
12
2
2
DWORD access to UART Interrupt Source
Registers & FIFO Levels
yes
no
no
Good-Data status
yes
no
no
Full Plug and Play with external EEPROM
yes
yes
yes
Subsystem Vendor ID & Subsystem ID with
no external EEPROM
yes
no
no
External 1x baud rate clock
yes
no
no
Max baud rate in normal mode
15 Mbps
115 Kbps
1.5 Mbps
Max baud rate in 1x clock mode
60 Mbps
n/a
n/a
FIFO depth
128
16
64
Sleep mode
yes
no
yes
Auto Xon/Xoff flow
yes
no
yes
Auto CTS#/RTS# flow
yes
no
yes
Auto DSR#/DTR# flow
yes
no
no
No. of Rx interrupt thresholds
128
4
4
No. of Tx interrupt thresholds
128
1
4
No. of flow control thresholds
128
n/a
4
Transmitter empty interrupt
yes
no
no
Readable status of flow control
yes
no
no
Readable FIFO levels
yes
no
no
Clock prescaler options
248
n/a
2
Rx/Tx disable
yes
no
no
Software reset
yes
no
no
Device ID
yes
no
no
9-bit data frames
yes
no
no
RS485 buffer enable
yes
no
no
Infra-red (IrDA)
yes
no
yes
Table 1: OXmPCI954 performance compared with PCI Bridge + generic UART combinations
Note 1:
Zero wait-state applies only to the internal UARTs (after the assertion of DEVSEL#).
Read operation incurs 1 wait state.


Similar Part No. - OXMPCI954

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OXMPCI952 OXFORD-OXMPCI952 Datasheet
668Kb / 108P
   Integrated High Performance Dual UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.
OXMPCI952-LQ-A OXFORD-OXMPCI952-LQ-A Datasheet
668Kb / 108P
   Integrated High Performance Dual UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.
OXMPCI952-LQAG OXFORD-OXMPCI952-LQAG Datasheet
668Kb / 108P
   Integrated High Performance Dual UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.
OXMPCI952-VBAG OXFORD-OXMPCI952-VBAG Datasheet
668Kb / 108P
   Integrated High Performance Dual UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.
More results

Similar Description - OXMPCI954

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OXMPCI952 OXFORD-OXMPCI952 Datasheet
668Kb / 108P
   Integrated High Performance Dual UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.
logo
List of Unclassifed Man...
OX9162 ETC1-OX9162 Datasheet
334Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
Oxford Semiconductor
OX9162 OXFORD-OX9162 Datasheet
515Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
OX16PCI952 OXFORD-OX16PCI952_05 Datasheet
539Kb / 77P
   Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
OX16PCI952 OXFORD-OX16PCI952 Datasheet
1Mb / 76P
   Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
logo
List of Unclassifed Man...
OX16PCI952 ETC-OX16PCI952 Datasheet
1Mb / 76P
   Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
logo
Oxford Semiconductor
OX9160 OXFORD-OX9160 Datasheet
233Kb / 38P
   PCI Peripheral Bridge with EPP Parallel Port & 8/32 bit local bus
OXCB950 OXFORD-OXCB950 Datasheet
597Kb / 67P
   Integrated High Performance UART Cardbus / 3.3v PCI interface
logo
List of Unclassifed Man...
OX12PCI840 ETC-OX12PCI840 Datasheet
541Kb / 32P
   Integrated Parallel Port and PCI interface
logo
Oxford Semiconductor
OX12PCI840 OXFORD-OX12PCI840 Datasheet
280Kb / 33P
   Integrated Parallel Port and PCI interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com