Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2104 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # AN2104
Description  Using Background Debug Mode for the M68HC12 Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN2104 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  AN2104 Datasheet HTML 1Page - Freescale Semiconductor, Inc AN2104 Datasheet HTML 2Page - Freescale Semiconductor, Inc AN2104 Datasheet HTML 3Page - Freescale Semiconductor, Inc AN2104 Datasheet HTML 4Page - Freescale Semiconductor, Inc AN2104 Datasheet HTML 5Page - Freescale Semiconductor, Inc AN2104 Datasheet HTML 6Page - Freescale Semiconductor, Inc AN2104 Datasheet HTML 7Page - Freescale Semiconductor, Inc AN2104 Datasheet HTML 8Page - Freescale Semiconductor, Inc AN2104 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Application Note
AN2104
2
When the BDM is active, it takes over control of the microprocessor,
which allows for debugging, etc.
Other examples of what the BDM can be used for, besides debugging,
vary from programming EPROM, EEPROM, and FLASH (internal and
external) to performing calibration on a target application (in
manufacturing and in the field) to transferring collected and stored
information to another system.
Theory of Operation
Because software packages, such as P&E Microcomputer Systems’
Windows Development Package (PKG12), take care of the operation of
the BDM, this discussion does not go into great detail. For more in-depth
information on this subject, refer to the documents referenced in
Technical Resources at the end of this document.
The operation of the BDM system requires a host PC with software, a
BDM interface POD or BDM interface, and the user’s target application.
See Figure 1. The host PC is connected to the POD with a DB-25
parallel cable from the PC’s parallel port. The POD is then connected to
the target application via a custom 6-pin BDM connector and cable. See
Figure 2.
Figure 1. BDM System
HOST PC
INTERFACE POD
BDM INTERFACE
TARGET BOARD
PARALLEL
CABLE
CABLE12 FROM P&E
MICROCOMPUTER SYSTEMS
BDM
CABLE
6-PIN BDM CONNECTOR
SEE FIGURE 2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - AN2104

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2100 STMICROELECTRONICS-AN2100 Datasheet
254Kb / 23P
   STR71x microcontroller power management
logo
Panasonic Semiconductor
AN2101 PANASONIC-AN2101 Datasheet
43Kb / 2P
   NTSC/PAL signal processor IC for 510H color CCD cameras
AN2101FH PANASONIC-AN2101FH Datasheet
43Kb / 2P
   NTSC/PAL signal processor IC for 510H color CCD cameras
AN2108NFHQ PANASONIC-AN2108NFHQ Datasheet
140Kb / 16P
   Camera Signal ProcessingCDS AGC Gamma
More results

Similar Description - AN2104

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1446 STMICROELECTRONICS-AN1446 Datasheet
21Kb / 3P
   USING THE ST72521 EMULATOR TO DEBUG A ST72324 TARGET APPLICATION
logo
NXP Semiconductors
AN10961 PHILIPS-AN10961_15 Datasheet
1Mb / 57P
   Dimmable CFL using the UBA2027X family
Rev. 2-8 June 2012
logo
Silicon Laboratories
AN681 SILABS-AN681 Datasheet
219Kb / 10P
   USING THE Si87XX FAMILY OF DIGITAL ISOLATORS
logo
NXP Semiconductors
MC68HC12D60 NXP-MC68HC12D60 Datasheet
4Mb / 432P
   M68HC12 Microcontrollers
Rev. 4, 11/2003
logo
Freescale Semiconductor...
MC68HC912D60 FREESCALE-MC68HC912D60 Datasheet
2Mb / 432P
   M68HC12 Microcontrollers
logo
STMicroelectronics
AN3123 STMICROELECTRONICS-AN3123 Datasheet
224Kb / 30P
   Using the UART interfaces in the SPEAr embedded MPU family
logo
Freescale Semiconductor...
DRM101 FREESCALE-DRM101 Datasheet
2Mb / 56P
   Blood Pressure Monitor Using the Flexis QE128 Family
logo
Zilog, Inc.
Z8932311ZEM ZILOG-Z8932311ZEM Datasheet
98Kb / 5P
   Symbolic Disassembly in the Debug Window
logo
ATMEL Corporation
ATMEGA256RFR2-ZU ATMEL-ATMEGA256RFR2-ZU Datasheet
352Kb / 2P
   DEBUG AVR APPLICATIONS USING JTAG OR DEBUGWIRE INTERFACE
ATJTAGICE2 ATMEL-ATJTAGICE2 Datasheet
352Kb / 2P
   DEBUG AVR APPLICATIONS USING JTAG OR DEBUGWIRE INTERFACE
AVR-02/04/0M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com