Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7481ARMZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADT7481ARMZ
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7481ARMZ Datasheet(HTML) 4 Page - Analog Devices

  ADT7481ARMZ Datasheet HTML 1Page - Analog Devices ADT7481ARMZ Datasheet HTML 2Page - Analog Devices ADT7481ARMZ Datasheet HTML 3Page - Analog Devices ADT7481ARMZ Datasheet HTML 4Page - Analog Devices ADT7481ARMZ Datasheet HTML 5Page - Analog Devices ADT7481ARMZ Datasheet HTML 6Page - Analog Devices ADT7481ARMZ Datasheet HTML 7Page - Analog Devices ADT7481ARMZ Datasheet HTML 8Page - Analog Devices ADT7481ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADT7481
Rev. 0 | Page 4 of 24
TIMING SPECIFICATIONS
Table 2. SMBus Timing Specifications1
Parameter
Limit at TMIN, TMAX
Unit
Description
fSCLK
400
kHz max
tLOW
4.7
μs min
Clock low period, between 10% points
tHIGH
4
μs min
Clock high period, between 90% points
tR
1
μs max
Clock/data rise time
tF
300
ns max
Clock/data fall time
tSU; STA
4.7
μs min
Start condition setup time
tHD; STA2
4
μs min
Start condition hold time
tSU; DAT
T
3
250
ns min
Data setup time
tSU; STO4
4
μs min
Stop condition setup time
tBUF
4.7
μs min
Bus free time between stop and start conditions
1 Guaranteed by design, not production tested.
2 Time from 10% of SDATA to 90% of SCLK.
3 Time for 10% or 90% of SDATA to 10% of SCLK.
4 Time for 90% of SCLK to 10% of SDATA.
SCLK
SDATA
tR
tF
tLOW
tHD;DAT
tHD;STA
tHIGH
tSU;DAT
STOP START
STOP
START
tSU;STA
tSU;STO
tHD;STA
tBUF
Figure 2. Serial Bus Timing


Similar Part No. - ADT7481ARMZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7481ARMZ ONSEMI-ADT7481ARMZ Datasheet
264Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7481ARMZ-001 ONSEMI-ADT7481ARMZ-001 Datasheet
264Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7481ARMZ-1R7 ONSEMI-ADT7481ARMZ-1R7 Datasheet
264Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7481ARMZ-1RL ONSEMI-ADT7481ARMZ-1RL Datasheet
264Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7481ARMZ-1RL ONSEMI-ADT7481ARMZ-1RL Datasheet
198Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
September, 2014 ??Rev. 8
More results

Similar Description - ADT7481ARMZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7483A ONSEMI-ADT7483A Datasheet
316Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
February 2008 ??Rev. 1
logo
Analog Devices
ADT7483A AD-ADT7483A Datasheet
499Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
logo
ON Semiconductor
ADT7483A ONSEMI-ADT7483A_12 Datasheet
285Kb / 20P
   Dual Channel Temperature Sensor and Over Temperature Alarm
July, 2012 - Rev. 2
logo
Analog Devices
ADT7482 AD-ADT7482 Datasheet
543Kb / 24P
   Dual Channel Temperature Sensor and Overtemperature Alarm
REV. 0
logo
ON Semiconductor
ADT7481 ONSEMI-ADT7481 Datasheet
264Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7482 ONSEMI-ADT7482 Datasheet
262Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
December, 2009 ??Rev. 3
ADT7481 ONSEMI-ADT7481_14 Datasheet
198Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
September, 2014 ??Rev. 8
logo
AVX Corporation
ND03 AVX-ND03 Datasheet
224Kb / 10P
   Alarm and temperature measurement application
logo
Maxim Integrated Produc...
MAX1619 MAXIM-MAX1619 Datasheet
304Kb / 20P
   Remote/Local Temperature Sensor with Dual- Alarm Outputs and SMBus Serial Interface
19-1483; Rev 0; 4/99
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com