Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8340-EVAL Datasheet(PDF) 6 Page - Analog Devices

Part # AD8340-EVAL
Description  700 MHz to 1000 MHz RF Vector Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8340-EVAL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8340-EVAL Datasheet HTML 2Page - Analog Devices AD8340-EVAL Datasheet HTML 3Page - Analog Devices AD8340-EVAL Datasheet HTML 4Page - Analog Devices AD8340-EVAL Datasheet HTML 5Page - Analog Devices AD8340-EVAL Datasheet HTML 6Page - Analog Devices AD8340-EVAL Datasheet HTML 7Page - Analog Devices AD8340-EVAL Datasheet HTML 8Page - Analog Devices AD8340-EVAL Datasheet HTML 9Page - Analog Devices AD8340-EVAL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8340
Rev. 0 | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
GAIN SETPOINT
0
0.3
0.5
0.9
1.0
0.8
0.7
0.6
0.4
0.2
0.1
0
–5
–40
–10
–15
–20
–25
–30
–35
PHASE SETPOINT = 180°
PHASE SETPOINT = 270°
PHASE SETPOINT = 90°
PHASE SETPOINT = 0°
Figure3.GainMagnitudevs.GainSetpointatDifferentPhaseSetpoints,
RFFrequency=880MHz
GAIN SETPOINT
4
3
–6
–2
–3
–4
–5
0
–1
2
1
–7
0
0.1
1.0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
PHASE SETPOINT = 180°
PHASE SETPOINT = 270°
PHASE SETPOINT = 315°
PHASE SETPOINT = 0°
PHASE SETPOINT = 90°
PHASE SETPOINT = 45°
PHASE SETPOINT = 135°
PHASE SETPOINT = 225°
Figure4.GainConformanceErrorvs.GainSetpoint at
DifferentPhaseSetpoints
PHASE SETPOINT (Degrees)
0
–20
45
–2
–8
–12
–16
–18
–4
–6
–10
–14
–22
–24
315
270
360
180
90
135
225
0
GAIN SETPOINT = 0.1
GAIN SETPOINT = 0.5
GAIN SETPOINT = 1.0
Figure5.GainMagnitudevs.PhaseSetpointatDifferentGainSetpoints
0.4
–1.6
0.2
–0.4
–0.8
–1.2
–1.4
0.0
–0.2
–0.6
–1.0
–1.8
–2.0
PHASE SETPOINT (Degrees)
45
315
270
360
180
90
135
225
0
GAIN SETPOINT = 0.1
GAIN SETPOINT = 0.5
GAIN SETPOINT = 1.0
Figure6.GainConformanceErrorvs.PhaseSetpoint atDifferentGainSetpoints
PHASE SETPOINT (Degrees)
360
150
60
330
180
120
90
300
240
270
210
30
0
0
30
60
90
120 150
180 210 240 270 300 330 360
GAIN SETPOINT = 1.0
GAIN SETPOINT = 0.1
GAIN SETPOINT = 0.5
Figure7.Phasevs.PhaseSetpointatDifferentGainSetpoints
PHASE SETPOINT (Degrees)
0
45
90
135
360
180
225
270
315
6
4
–12
2
0
–2
–4
–6
–8
–10
GAIN SETPOINT = 0.1
GAIN SETPOINT = 0.5
GAIN SETPOINT = 1.0
Figure8.PhaseErrorvs.PhaseSetpoint atDifferentGainSetpoints


Similar Part No. - AD8340-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8340 AD-AD8340 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8340 AD-AD8340 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. C
More results

Similar Description - AD8340-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. C
logo
Hittite Microwave Corpo...
HMC630LP3 HITTITE-HMC630LP3 Datasheet
283Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
logo
Analog Devices
HMC630LP3 AD-HMC630LP3 Datasheet
813Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
   700 MHz to 1000 MHz
REV. 0
logo
Tyco Electronics
MAMDCC0005 MACOM-MAMDCC0005 Datasheet
390Kb / 5P
   Vector Modulator, 925 to 960 MHz
MAMDCC0006 MACOM-MAMDCC0006 Datasheet
369Kb / 5P
   Vector Modulator, 925 to 960 MHz
logo
M/A-COM Technology Solu...
MAIA-007099-000100 MA-COM-MAIA-007099-000100 Datasheet
143Kb / 5P
   Vector Modulator, 925 to 960 MHz
MAMDCC0005 MA-COM-MAMDCC0005 Datasheet
131Kb / 5P
   Vector Modulator, 925 to 960 MHz
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com