Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9221THAV2QE Datasheet(PDF) 1 Page - ITT Industries

Part # 9221THAV2QE
Description  Power Toggle Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

9221THAV2QE Datasheet(HTML) 1 Page - ITT Industries

  9221THAV2QE Datasheet HTML 1Page - ITT Industries 9221THAV2QE Datasheet HTML 2Page - ITT Industries 9221THAV2QE Datasheet HTML 3Page - ITT Industries 9221THAV2QE Datasheet HTML 4Page - ITT Industries 9221THAV2QE Datasheet HTML 5Page - ITT Industries 9221THAV2QE Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
G–48
G
C&K 9000 Series
Power Toggle Switches
Features/Benefits
Power ratings up to 10 AMPS
Double pole models
Locking lever options available
Wide variety of actuator styles
RoHS compliant and compatible
Typical Applications
Shut-off switch
Small equipment
Specifications
CONTACT RATING: 9201 Model: 6 AMPS @ 120 V AC or
28 V DC; 3 AMPS @ 250 V AC. 9221 Model: 10 AMPS @
125 V AC or 28 V DC; 5 AMPS @ 250 V AC.
ELECTRICAL LIFE: 25,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 10 m
Ω typ. initial @
2-4 V DC, 100 mA.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 2,500 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 85ºC.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
NOTE: Any models supplied with Q contact material are RoHS compliant and compatible.
For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
CASE: Diallyl phthalate (DAP) (UL 94V-0).
ACTUATOR: Brass, chrome plated.
BUSHING: Brass or zinc, nickel plated.
HOUSING: Stainless steel.
SWITCH SUPPORT: Brass or steel, matte-tin plated.
END CONTACTS: 9201 Model: Coin silver, silver plated.
9221 Model: Silver cadmium oxide.
CENTER CONTACTS: Copper alloy, silver plated
ALL TERMINALS: 9201 Model: Copper alloy, silver plated.
9221 Model: Copper alloy, matte-tin plated.
TERMINAL SEAL: Epoxy.
HARDWARE: Nut & Locking ring: Brass, nickel plated.
Lockwasher: Steel, nickel plated.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages G-49 thru G-53. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
9201 DPDT, On-On, 6 Amps
9221 DPDT, On-On, 10 Amps
Actuator
S
Antirotation, .410" high
K
Locking lever, .650" high
K1
Locking lever, .680" high
L43 Lever handle with cap
P3
Flatted, anti-rotation, .450" high
T
.687" high, 15/32 bushing
T1
.460" high, 15/32 bushing
Terminations
Z
Solder lug
Z4
Quick connect
(9221 only)
AV2 Vert. right angle, PC thru-hole
(9201 only)
C
PC Thru-hole
Bushing
H3
.296" high, keyway
CW Splashproof
H
.296" high, flat
Contact Material
Q Silver
Seal
E Epoxy
D No epoxy
Actuator Color/Finish
NONE Bright chrome
2
Black
KXX Actuator Color/Finish
NONE Natural aluminum
2
Black anodized aluminum
Bushing Finish
NONE Nickel
2
Black
Models Available
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Similar Part No. - 9221THAV2QE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9221 ETC2-9221 Datasheet
97Kb / 2P
   30 AWG stranded (7x38) .012 tinned copper conductor, foam HDPE insulation
logo
Belden Inc.
9221 BELDEN-9221 Datasheet
154Kb / 2P
   Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
9221-010100 BELDEN-9221-010100 Datasheet
154Kb / 2P
   Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
9221-010500 BELDEN-9221-010500 Datasheet
154Kb / 2P
   Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
9221-010U500 BELDEN-9221-010U500 Datasheet
154Kb / 2P
   Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
More results

Similar Description - 9221THAV2QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
9000 CK-COMPONENTS-9000 Datasheet
357Kb / 5P
   Power Toggle Switches
9000TOGGLE CK-COMPONENTS-9000TOGGLE Datasheet
619Kb / 5P
   Power Toggle Switches
10 jul 18
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com