Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D55-F28-3235A9A Datasheet(PDF) 9 Page - ITT Industries

Part # D55-F28-3235A9A
Description  1.0/2.3 RF Connector Series
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D55-F28-3235A9A Datasheet(HTML) 9 Page - ITT Industries

Back Button D55-F28-3235A9A Datasheet HTML 5Page - ITT Industries D55-F28-3235A9A Datasheet HTML 6Page - ITT Industries D55-F28-3235A9A Datasheet HTML 7Page - ITT Industries D55-F28-3235A9A Datasheet HTML 8Page - ITT Industries D55-F28-3235A9A Datasheet HTML 9Page - ITT Industries D55-F28-3235A9A Datasheet HTML 10Page - ITT Industries D55-F28-3235A9A Datasheet HTML 11Page - ITT Industries D55-F28-3235A9A Datasheet HTML 12Page - ITT Industries D55-F28-3235A9A Datasheet HTML 13Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
RF Coaxial Connectors
www.ittcannon.com
Dimensions are shown in mm (inch)
Dimensions subject to change
9
75
W 1.0/2.3
75
Cable Jacks
W
Cable Numbers
ST212
ST214
BT2003
BT3002
BT5000
RA7000
TZC75005
0,4/2,4
B 0,25/1,45
HFE2290
RG179 B/U
Flex 2
Flex 3
Flex 5
Flex 7
LA 910
2.5C - 2V
3C - 2V
3C - 2W
Part Number
D55-F27-3022GEA
D55-F27-3024GEA
D55-F27-3033GEA
D55-F27-3035GEA
D55-F27-3036GEA
D55-F27-3037GEA
D55-F27-3051GEA
D55-F27-3052GEA
D55-F27-3053GEA
D55-F27-3054GEA
D55-F27-3079GEA
D55-F27-3090GEA
D55-F27-3091GEA
D55-F27-3092GEA
D55-F27-3094GEA
D55-F27-3095GEA
D55-F27-3043GEA
D55-F27-3045GEA
D55-F27-3046GEA
Straight Bulkhead Crimp Jack
All Couplings
(Packed in Trays of 25)
Assembly Instructions BBAI - 1281 - page 29
Assembly Instructions BBAI - 1277- page 27
Right Angle Bulkhead Solder Crimp Jack
All Couplings - Screw Cap
(Packed in Trays of 25)
Cable Numbers
BT3002
ST212
ST214
RG179 B/U
RG59
Flex 2
Flex 3
Part Number
D51-F30-3035GBA
D51-F30-3022GBA
D51-F30-3024GBA
D51-F30-3069GBA
D51-F30-3059GBA
D51-F30-3090GBA
D51-F30-3091GBA
MAX. PANEL 2,50 (.098)
~26,00
(1.023)
MAX
4,15
(.163)
7,30
(.287)
M 5,5 x 0.5
4,50
(.177)
5,50
(.216)
7,00
(.275)
5,00
(.196)
24,50
(.964)
4,15
(.163)
7,20
(.283)
M 5,5 x 0.5
MAX PANEL
1,30 - 1,50
(.051 - .059)
5,90
(.232)


Similar Part No. - D55-F28-3235A9A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D55 ETC2-D55 Datasheet
121Kb / 2P
   Fire Annunciator
D55 ETC2-D55 Datasheet
45Kb / 8P
   Control/Communicators
logo
Vishay Siliconix
D55307 VISHAY-D55307 Datasheet
62Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Surface Mount Chip
Revision: 28-Jul-10
D55342 VISHAY-D55342 Datasheet
62Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Surface Mount Chip
Revision: 28-Jul-10
D55342 VISHAY-D55342 Datasheet
87Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
Revision: 13-Mar-13
More results

Similar Description - D55-F28-3235A9A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-2016691 TEC-C-2016691 Datasheet
174Kb / 1P
   RF CA,1.0-2.3 BULKHEAD TO UMCC GEN1 WITH 1.37CABLE
logo
Pasternack Enterprises,...
PE3C0441 PASTERNACK-PE3C0441 Datasheet
330Kb / 3P
   1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable Using RG316 Coax
logo
Amphenol Corporation
282134-75 AMPHENOL-282134-75 Datasheet
71Kb / 1P
   1.0/2.3/PCB RECEPTACLE SURFACE MOUNT
logo
Pasternack Enterprises,...
PE44243 PASTERNACK-PE44243 Datasheet
252Kb / 2P
   1.0/2.3 Plug Connector Crimp/Solder Attachment For RG58
PE9690 PASTERNACK-PE9690 Datasheet
257Kb / 3P
   SMA Male to 1.0/2.3 Jack Adapter
PE3C0441-60 PASTERNACK-PE3C0441-60 Datasheet
454Kb / 3P
   1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 60 Inch Length Using RG316 Coax, RoHS
PE3C0441-72 PASTERNACK-PE3C0441-72 Datasheet
454Kb / 3P
   1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 72 Inch Length Using RG316 Coax, RoHS
logo
Molex Electronics Ltd.
0731740290 MOLEX11-0731740290 Datasheet
59Kb / 1P
   50 Ohms, DIN 1.0/2.3 Jack, Straight
logo
Amphenol Corporation
282121-75 AMPHENOL-282121-75 Datasheet
66Kb / 1P
   1.0/2.3 PCB BULKHEAD RECEPTACLE - 75 OHM
logo
Pasternack Enterprises,...
PE3C0441-12 PASTERNACK-PE3C0441-12 Datasheet
453Kb / 3P
   1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 12 Inch Length Using RG316 Coax, RoHS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com