Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8340 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8340
Description  700 MHz to 1000 MHz RF Vector Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8340 Datasheet(HTML) 2 Page - Analog Devices

  AD8340 Datasheet HTML 1Page - Analog Devices AD8340 Datasheet HTML 2Page - Analog Devices AD8340 Datasheet HTML 3Page - Analog Devices AD8340 Datasheet HTML 4Page - Analog Devices AD8340 Datasheet HTML 5Page - Analog Devices AD8340 Datasheet HTML 6Page - Analog Devices AD8340 Datasheet HTML 7Page - Analog Devices AD8340 Datasheet HTML 8Page - Analog Devices AD8340 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD8340
Rev. 0 | Page 2 of 20
TABLE OF CONTENTS
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Typical Performance Characteristics ............................................. 6
Theory of Operation ...................................................................... 10
RF Quadrature Generator ......................................................... 10
I-Q Attenuators and Baseband Amplifiers.............................. 11
Output Amplifier ........................................................................ 11
Noise and Distortion.................................................................. 11
Gain and Phase Accuracy.......................................................... 11
RF Frequency Range .................................................................. 11
Applications..................................................................................... 12
Using the AD8340 ...................................................................... 12
RF Input and Matching ............................................................. 12
RF Output and Matching .......................................................... 13
Driving the I-Q Baseband Controls......................................... 13
Interfacing to High Speed DACs.............................................. 14
CDMA2000 Application............................................................ 14
Evaluation Board ............................................................................ 16
Outline Dimensions ....................................................................... 20
Ordering Guide .......................................................................... 20
REVISION HISTORY
6/04—Revision 0: Initial Version


Similar Part No. - AD8340

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8340 AD-AD8340 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8340 AD-AD8340 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. C
More results

Similar Description - AD8340

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. C
logo
Hittite Microwave Corpo...
HMC630LP3 HITTITE-HMC630LP3 Datasheet
283Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
logo
Analog Devices
HMC630LP3 AD-HMC630LP3 Datasheet
813Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
   700 MHz to 1000 MHz
REV. 0
logo
Tyco Electronics
MAMDCC0005 MACOM-MAMDCC0005 Datasheet
390Kb / 5P
   Vector Modulator, 925 to 960 MHz
MAMDCC0006 MACOM-MAMDCC0006 Datasheet
369Kb / 5P
   Vector Modulator, 925 to 960 MHz
logo
M/A-COM Technology Solu...
MAIA-007099-000100 MA-COM-MAIA-007099-000100 Datasheet
143Kb / 5P
   Vector Modulator, 925 to 960 MHz
MAMDCC0005 MA-COM-MAMDCC0005 Datasheet
131Kb / 5P
   Vector Modulator, 925 to 960 MHz
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com