Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OXCFU950 Datasheet(PDF) 6 Page - Oxford Semiconductor

Part # OXCFU950
Description  USB/UART multi-function 16-bit PC Card device
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCFU950 Datasheet(HTML) 6 Page - Oxford Semiconductor

Back Button OXCFU950 Datasheet HTML 2Page - Oxford Semiconductor OXCFU950 Datasheet HTML 3Page - Oxford Semiconductor OXCFU950 Datasheet HTML 4Page - Oxford Semiconductor OXCFU950 Datasheet HTML 5Page - Oxford Semiconductor OXCFU950 Datasheet HTML 6Page - Oxford Semiconductor OXCFU950 Datasheet HTML 7Page - Oxford Semiconductor OXCFU950 Datasheet HTML 8Page - Oxford Semiconductor OXCFU950 Datasheet HTML 9Page - Oxford Semiconductor OXCFU950 Datasheet HTML 10Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
OV-0004 May 06
External—Free Release
Page 6 of 11
OXCFU950 OVERVIEW
OXFORD SEMICONDUCTOR, INC.
Pin Number
Pad TypeNote 1
Pin Name
Description
55
I_C_33_5_N_
DSR#
Active-low modem data-set-ready input. If automated DSR# flow control
is enabled, upon de-assertion of the DSR# pin, the transmitter completes
the current character & enters idle mode until the DSR# pin is
reasserted. Note: flow control characters are transmitted regardless of
the state of the DSR# pin.
57
I_C_33_5_N_
RI#
Active-low modem ring-indicator input.
1
P_33
UART_VDD3V3
Power supply to UART and MIO I/O interfaces. Voltage on these pins
should be tied to 1.8 V to 3.3 V supply (depending on requirement).
Crystal Oscillator / PLL pinsNote4
51
A_18
XTLO
Crystal oscillator output.
50
A_18
XTLI
Crystal oscillator input. Frequency = 12 MHz.
Note : a pull-down resistor of 500 K
Ω is required on this pin.
49
P_18
PLL_VSS1V8
Ground (0 Volts) for PLL & oscillator cells. This pin should be tied to
ground.
48
P_18
PLL_VDD1V8
Power supply for PLL & oscillator cells. This pin should be tied to 1.8
volts (i.e. tied to REG_VDD1V8 pin).
USBNote 5
2
A_33
USB_DP
USB data plus.
3
A_33
USB_DM
USB data minus.
4
P_33
USB_VDD3V3
Power supply to USB I/O interface. This pin should be tied to 3.3 volts.
Multi-Purpose I/ONote 3
64,63,62,61
B_T_33_5_N_1_
MIO[3:0]
Multipurpose IO pins.
Note: if enabled, MIO[3:0] can be used as an interrupt inputs.
MIO[3:2] can be configured to act as the USB power management
control signals PORT_OVER_CURRENT & PORT_POWER
Miscellaneous Pins/PadsNote2
52
I_C_33_5_N_U
CIS_MODE
Test mode select pin/default CIS select
20
I_C_33_5_N_D
TEST
Test pin. This pin should be tied to VSS for normal operation.
Additional Power and Ground
65 (Thermal bonding
pad)
P_00
VSS
Main digital ground pin. The VSS pin should be tied to ground. Note this
is the thermal bonding pin underneath the 64-pin QFN package
27
P_18
REG_VDD1V8
Output supply from internal voltage regulator at 1.8 V. Can be used as
power supply to PLL (i.e. pin #48).
Table 1: Pin Descriptions
Note 1 : Pad syntax description
Pad type
Syntax
Digital Input pad
t_a_xy_h_i_p
Digital Output pad
t_a_xy_d
Digital Tristate output pad
t_a_xy_d
Digital Bidirectional pad
t_a_xy_h_i_d_p
Analogue pad
t_xy
Power Pad
t_xy
Table 2: Pad Type Syntax


Similar Part No. - OXCFU950

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OXCFU950 OXFORD-OXCFU950 Datasheet
460Kb / 74P
   USB/UART multi-function 16-bit PC Card device
logo
PLX Technology
OXCFU950 PLX-OXCFU950 Datasheet
114Kb / 2P
   16 bit PC card / CF bridge to serial and USB host port
logo
Oxford Semiconductor
OXCFU950-QFAG OXFORD-OXCFU950-QFAG Datasheet
460Kb / 74P
   USB/UART multi-function 16-bit PC Card device
OXCFU950 OXFORD-OXCFU950_07 Datasheet
460Kb / 74P
   USB/UART multi-function 16-bit PC Card device
More results

Similar Description - OXCFU950

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OXCFU950 OXFORD-OXCFU950_07 Datasheet
460Kb / 74P
   USB/UART multi-function 16-bit PC Card device
OXCF950 OXFORD-OXCF950_06 Datasheet
375Kb / 66P
   low cost asynchronous 16-bit PC card or Compact Flash UART device
logo
List of Unclassifed Man...
USB-1901 ETC2-USB-1901 Datasheet
249Kb / 2P
   8/16-CH 16-Bit 250 kS/s Multi-Function USB DAQ Modules
logo
National Semiconductor ...
COP884CG NSC-COP884CG Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COPEG888 NSC-COPEG888 Datasheet
550Kb / 48P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
logo
Advantech Co., Ltd.
PCM-3718H ADVANTECH-PCM-3718H_V01 Datasheet
550Kb / 2P
   100 kS/s, 12-bit, 16-Ch PC/104 Multi-function Modules
15-Jan-2014
logo
Protech Systems Co., Lt...
EPC-7510 PROTECHSYSTEMS-EPC-7510 Datasheet
451Kb / 2P
   Expandable Multi Function Embedded PC
logo
National Semiconductor ...
COP87L88KG NSC-COP87L88KG Datasheet
443Kb / 42P
   8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
logo
Future Technology Devic...
FT232BL-TRAY FTDI-FT232BL-TRAY Datasheet
1Mb / 34P
   USB UART IC
logo
National Semiconductor ...
COP87L88GG NSC-COP87L88GG Datasheet
439Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with UART and Three Multi-Function Timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com