Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9221J1AV2QE2 Datasheet(PDF) 3 Page - ITT Industries

Part # 9221J1AV2QE2
Description  Power Rocker and Lever Handle Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

9221J1AV2QE2 Datasheet(HTML) 3 Page - ITT Industries

  9221J1AV2QE2 Datasheet HTML 1Page - ITT Industries 9221J1AV2QE2 Datasheet HTML 2Page - ITT Industries 9221J1AV2QE2 Datasheet HTML 3Page - ITT Industries 9221J1AV2QE2 Datasheet HTML 4Page - ITT Industries 9221J1AV2QE2 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
H–55
C&K 9000 Series
Power Rocker and Lever Handle Switches
.313
(7,95)
PANEL MOUNTING
PANEL
MOUNTING
PC MOUNTING
Actuator finish: Matte. Other colors, custom
actuator markings and legends available,
consult Customer Service Center.
NOTE: Actuators available separately, see
page H–56-57. Hardware: two each—mounting
screws, nuts, lockwashers and standoffs for
1/8 inch thick panel are supplied standard on
all switches with panel mounting brackets.
Hardware available separately, see Technical
Data section of this catalog.
2
BLACK
1
WHITE
3
RED
ACTUATOR
COLOR
OPTION
CODE
Actuator finish: Matte. Frame finish: Gloss.
Other colors, custom actuator markings
and legends available, consult Customer
Service Center.
NOTE: Actuators & frames available separately,
see page H-56-57. Hardware: two each—mount-
ing screws, nuts, lockwashers and standoffs for
1/8 inch thick panel are supplied standard on all
switches with panel mounting brackets. Hardware
available separately, see Technical Data section of
this catalog.
Not available with AV2 termination.
2
BLACK
1
WHITE
3
RED
ACTUATOR
COLOR
OPTION
CODE
2
BLACK
FRAME COLOR
OPTION
CODE
J3
ROCKER
J37
ROCKER WITH METAL FRAME
Z
SOLDER LUG
C
PC THRU-HOLE
9201 and 9221
NOTE: Only termination available with 9221 model. Must be ordered with
D seal option. Mating terminal standard Nema .187" quick connect.
9201 Only
9201 Only
Z4
QUICK CONNECT
ACTUATOR–REAR MOUNT
TERMINATIONS
ACTUATOR–PANEL MOUNT
ACTUATOR
ACTUATOR COLOR
ACTUATOR COLOR
FRAME COLOR
ACTUATOR
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H


Similar Part No. - 9221J1AV2QE2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9221 ETC2-9221 Datasheet
97Kb / 2P
   30 AWG stranded (7x38) .012 tinned copper conductor, foam HDPE insulation
logo
Belden Inc.
9221 BELDEN-9221 Datasheet
154Kb / 2P
   Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
9221-010100 BELDEN-9221-010100 Datasheet
154Kb / 2P
   Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
9221-010500 BELDEN-9221-010500 Datasheet
154Kb / 2P
   Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
9221-010U500 BELDEN-9221-010U500 Datasheet
154Kb / 2P
   Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
More results

Similar Description - 9221J1AV2QE2

ManufacturerPart #DatasheetDescription
logo
C&K Components
9000 CK-COMPONENTS-9000_V01 Datasheet
790Kb / 5P
   Power Rocker and Lever Handle Switches
2018
9000ROCKER CK-COMPONENTS-9000ROCKER Datasheet
789Kb / 5P
   Power Rocker and Lever Handle Switches
logo
ITT Industries
7101J1ZQE2 ITT-7101J1ZQE2 Datasheet
1Mb / 20P
   Rocker and Lever Handle Switches
7101MDABE0 ITT-7101MDABE0 Datasheet
1Mb / 20P
   Rocker and Lever Handle Switches
logo
C&K Components
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
logo
ITT Industries
E101J1ABE22 ITT-E101J1ABE22 Datasheet
812Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com