Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3R014 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # M3R014
Description  THERMOPILE TYPE INFRARED SENSOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M3R014 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button M3R014 Datasheet HTML 9Page - List of Unclassifed Manufacturers M3R014 Datasheet HTML 10Page - List of Unclassifed Manufacturers M3R014 Datasheet HTML 11Page - List of Unclassifed Manufacturers M3R014 Datasheet HTML 12Page - List of Unclassifed Manufacturers M3R014 Datasheet HTML 13Page - List of Unclassifed Manufacturers M3R014 Datasheet HTML 14Page - List of Unclassifed Manufacturers M3R014 Datasheet HTML 15Page - List of Unclassifed Manufacturers M3R014 Datasheet HTML 16Page - List of Unclassifed Manufacturers M3R014 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
13
1.0 0.1
0.22 0.03
0.22 0.03
Part number
Dimensions
FT THERMISTOR
The FT thermistors, the highly reliable thermistors, are
characterized by their fast response time, which was
made possible by the miniaturization of the thermistor
dimensions. FT thermistors are also heat-resistant type.
FT thermistors are the most excellent products of today
,
s
chip thermistors manufacturing.
364 FT
Thin film thermistor
Rated zero-power Resistance
at 25 C : 364k
Temperature
( C)
Resistance -Temperature
20
10
0
10
20
25
30
40
50
60
70
80
90
100
110
B=3370K
67.26
42.10
27.08
17.86
12.07
10.00
8.332
5.871
4.216
3.081
2.288
1.725
1.318
1.021
0.8003
B=3435K
70.34
43.55
27.71
18.11
12.12
10.00
8.299
5.804
4.139
3.006
2.220
1.666
1.269
0.9797
0.7662
B=3370K
336.3
210.5
135.4
89.31
60.33
50.00
41.66
29.36
21.08
15.40
11.44
8.623
6.592
5.105
4.002
B=3435K
351.9
217.7
138.5
90.48
60.58
50.00
41.50
29.03
20.70
15.04
11.11
8.331
6.344
4.898
3.829
B=3370K
2447
1532
985.4
650.0
439.1
363.9
303.2
213.7
153.4
112.1
83.25
62.76
47.98
37.15
29.12
103FT
503FT
364FT
P/N
Temperature
( C)
120
125
130
140
150
160
170
180
190
200
210
220
230
240
250
B=3370K
0.6345
0.5671
B=3435K
0.6064
0.5418
B=3370K
3.172
2.836
B=3435K
3.029
2.706
B=3370K
23.09
20.64
18.50
14.97
12.23
10.07
8.364
7.000
5.901
5.008
4.277
3.676
3.177
2.760
2.411
103FT
503FT
364FT
P/N
Specifications
Part No.
R25
*1
B value
*2
Dissipation factor
(mW/ C)
Thermal time
constant (s)
*3
Operating temp.
range ( C)
Rated power
at 25 C (mW)
*
1 R25 : Rated zero-power resistance value at 25 C.
*
2 B value : determined by rated zero-power resistance at 25 C and 85 C.
*
3 Time when thermistor temperature reaches 63.2% of the temperature difference. The value is measured in the air.
103FT
103FT
503FT
503FT
364FT
10k
5%
10k
5%
50k
5%
50k
5%
364k
5%
3435K 1%
3370K 1%
3435K 1%
3370K 1%
3370K 1%
0.3
0.3
0.3
0.3
0.3
2.0
2.0
2.0
2.0
2.0
1.5
1.5
1.5
1.5
1.5
20 125
20 125
20 125
20 125
20 250
Unit (mm)
(0.5)
Glass
Unit (k )
Connect the FTs to the electrodes with using conductive epoxy resins.
The FTs cannot be soldered onto the electrodes.
THIN FILM TYPE THERMISTOR


Similar Part No. - M3R014

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M3R MTRONPTI-M3R Datasheet
256Kb / 1P
   9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
M3R MTRONPTI-M3R Datasheet
342Kb / 2P
   9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
M3R MTRONPTI-M3R Datasheet
456Kb / 2P
   9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
M3R13FAJ MTRONPTI-M3R13FAJ Datasheet
256Kb / 1P
   9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
M3R13FAJ MTRONPTI-M3R13FAJ Datasheet
342Kb / 2P
   9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
More results

Similar Description - M3R014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
   Thermopile Infrared Sensor
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
   Thermopile Infrared (IR) Sensor
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com