Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OX9160 Datasheet(PDF) 9 Page - Oxford Semiconductor

Part # OX9160
Description  PCI Peripheral Bridge with EPP Parallel Port & 8/32 bit local bus
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OX9160 Datasheet(HTML) 9 Page - Oxford Semiconductor

Back Button OX9160 Datasheet HTML 5Page - Oxford Semiconductor OX9160 Datasheet HTML 6Page - Oxford Semiconductor OX9160 Datasheet HTML 7Page - Oxford Semiconductor OX9160 Datasheet HTML 8Page - Oxford Semiconductor OX9160 Datasheet HTML 9Page - Oxford Semiconductor OX9160 Datasheet HTML 10Page - Oxford Semiconductor OX9160 Datasheet HTML 11Page - Oxford Semiconductor OX9160 Datasheet HTML 12Page - Oxford Semiconductor OX9160 Datasheet HTML 13Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Data Sheet Revision 1.22
Page 9
OX9160
OXFORD SEMICONDUCTOR LTD.
4.2.1
PCI Configuration Space Register map
Configuration Register Description
Offset
31
16
15
0
Address
Device ID
Vendor ID
00h
Status
Command
04h
Class Code
Revision ID
08h
BIST1
Header Type
Reserved
Reserved
0Ch
Base Address Register 0 (BAR0)
10h
Base Address Register 1 (BAR 1)
14h
Base Address Register 2 (BAR 2) – Local Configuration Registers in IO space
18h
Base Address Register 3 (BAR3) – Local Configuration Registers in Memory space
1Ch
Reserved
20h
Reserved
24h
Reserved
28h
Subsystem ID
Subsystem Vendor ID
2Ch
Reserved
30h
Reserved
Cap_Ptr
34h
Reserved
38h
Reserved
Reserved
Interrupt Pin
Interrupt Line
3Ch
Power Management Capabilities (PMC)
Next Ptr
Cap_ID
40h
Reserved
Reserved
PMC Control/Status Register (PMCSR)
44h
Table 2: PCI Configuration space
Reset value
Program read/write
Register name
8-bit local bus
32-bit local bus
Parallel port
EEPROM
PCI
Vendor ID
0x1415
W
R
Device ID
0x9511
0x9512
0x9513
W
R
Command
0x0000
-
R/W
Status
0x0290
W (bit 4)
R/W
Revision ID
0x00
-
R
Class code
0x068000
0x068000
0x070101
W
R
Header type
0x80
-
R
BAR 0
0x00000001
-
R/W
BAR 1
0x00000000
-
R/W
BAR 2
0x00000001
-
R/W
BAR 3
0x00000000
-
R/W
Subsystem VID
0x1415
W
R
Subsystem ID
0x0000
W
R
Cap ptr.
0x40
-
R
Interrupt line
0x00
-
R/W
Interrupt pin
0x01
-
R
Cap ID
0x01
-
R
Next ptr.
0x00
-
R
PM capabilities
0x6C01
W
R
PMC control/
status register
0x0000
-
R/W
Table 3: PCI configuration space default values


Similar Part No. - OX9160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OX9162 ETC1-OX9162 Datasheet
334Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
Oxford Semiconductor
OX9162 OXFORD-OX9162 Datasheet
515Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
More results

Similar Description - OX9160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OX9162 ETC1-OX9162 Datasheet
334Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
Oxford Semiconductor
OX9162 OXFORD-OX9162 Datasheet
515Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
List of Unclassifed Man...
APCI-IB40 ETC2-APCI-IB40 Datasheet
253Kb / 10P
   32-bit PCI Local Bus I/O board
logo
Oxford Semiconductor
OXMPCI954 OXFORD-OXMPCI954 Datasheet
770Kb / 121P
   Integrated High Performance Quad UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.
OXMPCI952 OXFORD-OXMPCI952 Datasheet
668Kb / 108P
   Integrated High Performance Dual UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.
logo
AVAGO TECHNOLOGIES LIMI...
PEX8311 AVAGO-PEX8311 Datasheet
2Mb / 4P
   PCI Express to Generic Local Bus Bridge
logo
PLX Technology
PEX8311 PLX-PEX8311 Datasheet
2Mb / 4P
   PCI Express to Generic Local Bus Bridge
OX12PCI840 PLX-OX12PCI840 Datasheet
146Kb / 2P
   PCI Bridge to Parallel Port
PCI6350 PLX-PCI6350 Datasheet
883Kb / 2P
   Asynchronous 32-bit PCI-to-PCI Bridge
logo
National Semiconductor ...
LMC6953 NSC-LMC6953 Datasheet
218Kb / 12P
   PCI Local Bus Power Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com