Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OX16PCI954-TQC60-A Datasheet(PDF) 9 Page - Oxford Semiconductor

Part # OX16PCI954-TQC60-A
Description  Integrated Quad UART and PCI interface
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OX16PCI954-TQC60-A Datasheet(HTML) 9 Page - Oxford Semiconductor

Back Button OX16PCI954-TQC60-A Datasheet HTML 5Page - Oxford Semiconductor OX16PCI954-TQC60-A Datasheet HTML 6Page - Oxford Semiconductor OX16PCI954-TQC60-A Datasheet HTML 7Page - Oxford Semiconductor OX16PCI954-TQC60-A Datasheet HTML 8Page - Oxford Semiconductor OX16PCI954-TQC60-A Datasheet HTML 9Page - Oxford Semiconductor OX16PCI954-TQC60-A Datasheet HTML 10Page - Oxford Semiconductor OX16PCI954-TQC60-A Datasheet HTML 11Page - Oxford Semiconductor OX16PCI954-TQC60-A Datasheet HTML 12Page - Oxford Semiconductor OX16PCI954-TQC60-A Datasheet HTML 13Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
Data Sheet Revision 1.3
Page 9
OX16PCI954
OXFORD SEMICONDUCTOR LTD.
Mode
00
01
10
11
Dir1
Name
Description
Serial port pins
81, 78, 58, 53
N/A
O
RTS[3:0]#
Active-low modem request-to-send output. If automated
RTS# flow control is enabled, the RTS# pin is deasserted
and reasserted whenever the receiver FIFO reaches or falls
below the programmed thresholds, respectively.
83, 76, 60, 51
N/A
I
CTS[3:0]#
Active-low modem clear-to-send input. If automated CTS#
flow control is enabled, upon deassertion of the CTS# pin,
the transmitter will complete the current character and enter
the idle mode until the CTS# pin is reasserted. Note: flow
control characters are transmitted regardless of the state of
the CTS# pin.
84, 75, 61, 50
N/A
I
I
DSR[3:0]#
Rx_Clk_In[3:0]
Active-low modem data-set-ready input. If automated DSR#
flow control is enabled, upon deassertion of the DSR# pin,
the transmitter will complete the current character and enter
the idle mode until the DSR# pin is reasserted. Note: flow
control characters are transmitted regardless of the state of
the DSR# pin
External receiver clock for isochronous applications. The
Rx_Clk_In is selected when CKS[1:0] = ‘01’.
86, 73, 67, 48
N/A
I
I
RI[3:0]#
Tx_Clk_In[3:0]
Active-low modem Ring-Indicator input
External transmitter clock. This clock can be used by the
transmitter (and indirectly by the receiver) when CKS[6]=’1’.
64
N/A
O
XTLO
Crystal oscillator output
63
N/A
I
XTLI
Crystal oscillator input or external clock pin. Maximum
frequency 60MHz
8-bit local bus
71
N/A
O
UART_Clk_Out
Buffered crystal output. This clock can drive external UARTs
connected to the local bus. Can be enabled / disabled by
software.
122
N/A
O
LBRST
Local bus active-high reset
123
N/A
O
LBRST#
Local bus active-low reset
102
N/A
O
LBDOUT
Local bus data out enable. This pin can be used by external
transceivers; it is high when LBD[7:0] are in output mode and
low when they are in input mode.
109
N/A
O
LBCLK
Buffered PCI clock. Can be enabled / disabled by software
114-7
N/A
O
O
LBCS[3:0]#
LBDS[3:0]#
Local bus active-low Chip-Select (Intel mode)
Local bus active-low Data-Strobe (Motorola mode)
112
N/A
O
O
LBWR#
LBRDWR#
Local Bus active-low write-strobe (Intel mode)
Local Bus Read-not-Write control (Motorola mode)
113
N/A
O
Z
LBRD#
Hi-Z
Local Bus active-low read-strobe (Intel mode)
Permanent high impedance (Motorola mode)
105-8
118-21
N/A
O
LBA[7:0]
Local bus address signals
92-5
98-101
N/A
See
32-bit
Local
bus
I/O
LBD[7:0]
Local bus data signals


Similar Part No. - OX16PCI954-TQC60-A

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OX16PCI954-TQC60-A1 OXFORD-OX16PCI954-TQC60-A1 Datasheet
452Kb / 73P
   Integrated Quad UART and PCI interface
More results

Similar Description - OX16PCI954-TQC60-A

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OX16PCI954 OXFORD-OX16PCI954_05 Datasheet
452Kb / 73P
   Integrated Quad UART and PCI interface
logo
List of Unclassifed Man...
OXCB950 ETC-OXCB950 Datasheet
409Kb / 68P
   Integrated High Performance UART Cardbus / PCI interface
logo
Oxford Semiconductor
OXCB950 OXFORD-OXCB950 Datasheet
597Kb / 67P
   Integrated High Performance UART Cardbus / 3.3v PCI interface
logo
Exar Corporation
XR17L154 EXAR-XR17L154 Datasheet
587Kb / 56P
   3.3V PCI BUS QUAD UART
XR17C154 EXAR-XR17C154 Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
XR17C154 EXAR-XR17C154_05 Datasheet
1Mb / 62P
   5V PCI BUS QUAD UART
logo
Oxford Semiconductor
OX16PCI958 OXFORD-OX16PCI958 Datasheet
410Kb / 46P
   Octal UART with PCI Interface
logo
Exar Corporation
XR17D154 EXAR-XR17D154 Datasheet
836Kb / 69P
   UNIVERSAL (3.3V AND 5V) PCI BUS QUAD UART
logo
List of Unclassifed Man...
OX12PCI840 ETC-OX12PCI840 Datasheet
541Kb / 32P
   Integrated Parallel Port and PCI interface
logo
Oxford Semiconductor
OX12PCI840 OXFORD-OX12PCI840 Datasheet
280Kb / 33P
   Integrated Parallel Port and PCI interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com