Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OX16PCI952-TQFP-A Datasheet(PDF) 8 Page - Oxford Semiconductor

Part # OX16PCI952-TQFP-A
Description  Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OX16PCI952-TQFP-A Datasheet(HTML) 8 Page - Oxford Semiconductor

Back Button OX16PCI952-TQFP-A Datasheet HTML 4Page - Oxford Semiconductor OX16PCI952-TQFP-A Datasheet HTML 5Page - Oxford Semiconductor OX16PCI952-TQFP-A Datasheet HTML 6Page - Oxford Semiconductor OX16PCI952-TQFP-A Datasheet HTML 7Page - Oxford Semiconductor OX16PCI952-TQFP-A Datasheet HTML 8Page - Oxford Semiconductor OX16PCI952-TQFP-A Datasheet HTML 9Page - Oxford Semiconductor OX16PCI952-TQFP-A Datasheet HTML 10Page - Oxford Semiconductor OX16PCI952-TQFP-A Datasheet HTML 11Page - Oxford Semiconductor OX16PCI952-TQFP-A Datasheet HTML 12Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
DataSheet Revision 1.1
Page 8
OX16PCI952
OXFORD SEMICONDUCTOR LTD.
4 PIN DESCRIPTION
Please refer to Section “Pin Information” for actual Signal Name to Pin Number assignments.
Pins
Dir1
Name
Description
PCI interface
2, 5, 6, 7, 8, 12, 13, 14, 15,
32, 33, 34, 35, 36, 39, 40, 41,
43, 44, 47, 48, 49, 50, 51, 52,
121, 122, 123, 124, 125, 126,
127
P_I/O
AD[31:0]
Multiplexed PCI Address/Data bus
3, 16, 31, 42
P_I
C/BE[3:0]#
PCI Command/Byte enable
117
P_I
PCI CLK
PCI system clock
17
P_I
FRAME#
Cycle Frame
24
P_O
DEVSEL#
Device Select
18
P_I
IRDY#
Initiator ready
23
P_O
TRDY#
Target ready
25
P_O
STOP#
Target Stop request
28
P_I/O
PAR
Parity
27
P_O
SERR#
System error
26
P_I/O
PERR#
Parity error
4
P_I
IDSEL
Initialization device select
115
P_I
RST#
PCI system reset
113
114
P_OD
INTA#,
INTB#
PCI interrupts
120
P_OD
PME#
Power management event
Serial port pins
88
I
FIFOSEL
FIFO select.
For backward compatibility with 16C550, 16C650 and
16C750 devices the FIFO depth of both UARTs is 16 when
FIFOSEL is low. The FIFO size of both UARTs is increased
to 128 when FIFOSEL is high.
The FIFO size of each UART may also be set to 128 by
setting the UARTs FCR[5] when LCR[7] is set, or by putting
the device into enhanced mode.
The unlatched state of this pin is readable by software.
111
101
111
101
O
O
O
O
EXT_DATA_OUT[0]
EXT_DATA_OUT[1]
IrDA_Out[0]
IrDA_Out[1]
Serial data output, Uart 0
Serial data output, Uart 1.
UART IrDA data outputs, for UART 0 and 1.
Serial data output pins redefined as IrDA data outputs when
MCR[6] of the corresponding UART channel is set in
enhanced mode
104
94
104
94
I
I
I
I
EXT_DATA_IN[0]
EXT_DATA_IN[1]
IrDA_In[0]
IrDA_In[1]
Serial data input, UART 0.
Serial data input, UART 1.
UART IrDA data inputs, for UART 0 and 1.
Serial data input pins redefined as IrDA data inputs when
MCR[6] of the corresponding UART channel is set in
enhanced mode


Similar Part No. - OX16PCI952-TQFP-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OX16PCI952-TQFP-A ETC-OX16PCI952-TQFP-A Datasheet
1Mb / 76P
   Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
More results

Similar Description - OX16PCI952-TQFP-A

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OX16PCI952 OXFORD-OX16PCI952_05 Datasheet
539Kb / 77P
   Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
logo
List of Unclassifed Man...
OX16PCI952 ETC-OX16PCI952 Datasheet
1Mb / 76P
   Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface
logo
Oxford Semiconductor
OXMPCI952 OXFORD-OXMPCI952 Datasheet
668Kb / 108P
   Integrated High Performance Dual UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.
OXMPCI954 OXFORD-OXMPCI954 Datasheet
770Kb / 121P
   Integrated High Performance Quad UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.
logo
List of Unclassifed Man...
OX12PCI840 ETC-OX12PCI840 Datasheet
541Kb / 32P
   Integrated Parallel Port and PCI interface
logo
Oxford Semiconductor
OX12PCI840 OXFORD-OX12PCI840 Datasheet
280Kb / 33P
   Integrated Parallel Port and PCI interface
logo
List of Unclassifed Man...
OX9162 ETC1-OX9162 Datasheet
334Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
Oxford Semiconductor
OX9162 OXFORD-OX9162 Datasheet
515Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
National Semiconductor ...
PC87322VF NSC-PC87322VF Datasheet
1,022Kb / 84P
   Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
logo
List of Unclassifed Man...
OXCB950 ETC-OXCB950 Datasheet
409Kb / 68P
   Integrated High Performance UART Cardbus / PCI interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com