12 / 44 page
12
1.6
0.15
2.65
0.2
3.80
0.15
0.02
0.05
1.1
0.15
0.6
103
Dimensions
Dimensions
Taping
Taping
42 Alloy
Epoxy resin
Mark
1.6
0.15
3.0
0.3
0.3
0.8
1.1
0.15
2.65
0.2
8.65
0.5
5.25
0.1
1.7
103
Mark
Epoxy resin
Solder plated
lead wires
42 Alloy
0.6
0.1
(0.1)
0.8
0.6
Unit (mm)
Part number
HT THERMISTOR
103 HT
Shape
Tolerance of R25
Taping HTF only
Rated zero-power resistance at 25 C 103
:10k
HT thermistors are entirely new type of thermistor
for surface mounting (by reflow soldering) and were
acquired from advanced technology.
Our HT thermistors are adapted metal electrodes
packaged in a resin mold, unlike conventional chip
thermistors, and can offer
2% tolerance for a
resistance value at 25 C.
HT series (SMD Thermistor) is not only compact-
surface mounting type but also highly accurate and
reliable.
182.1
93.35
49.85
27.75
16.02
9.541
5.876
3.728
2.431
1.623
303.4
155.6
83.09
46.25
26.70
15.90
9.793
6.214
4.051
2.705
367.7
204.7
118.5
71.02
43.67
27.70
18.07
12.11
8.301
5.811
1539
810.8
445.1
253.8
149.8
91.31
57.32
36.99
24.47
16.56
3135
1602
855.0
474.4
272.7
161.9
99.13
62.38
40.24
26.58
9584
4572
2282
1191
647.2
365.0
212.5
127.7
78.88
50.03
1026
540.5
296.7
169.2
99.85
60.87
38.21
24.66
16.31
11.04
Specifications
Part No.
R25
*1
B value
*2
Dissipation factor
(mW/ C)
Thermal time
constant (s)
*3
Operating temp.
range ( C)
Rated power
at 25 C (mW)
*
1
R25 : Rated zero-power resistance value at 25 C,
1% and 3% are also available.
*
2
B value : determined by rated zero-power resistance at 25 C and 85 C.
*
3
Time when thermistor temperature reaches 63.2% of the temperature difference. The value is measured in the air.
302HT(F)
502HT(F)
103HT(F)
203HT(F)
303HT(F)
503HT(F)
104HT(F)
3.0k
2%
5.0k
2%
10.0k
2%
20.0k
2%
30.0k
2%
50.0k
2%
100.0k
2%
3860K 1%
3860K 1%
3435K 1%
3760K 1%
3760K 1%
4055K 1%
4390K 1%
1.0
1.0
1.0
1.0
1.0
1.0
1.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
50 125
50 125
50 100
50 125
50 125
50 125
50 125
Resistance-Temperature
50
40
30
20
10
0
10
20
30
40
Type
302HT
502HT
103HT
203HT
303HT
503HT
Type
302HT
502HT
103HT
203HT
303HT
503HT
104HT
Temperature
( C)
Temperature
( C)
1.109
0.7744
0.5513
0.4000
0.2951
0.2210
0.1680
0.1295
0.1142
50
60
70
80
90
100
110
120
125
1.849
1.291
0.9189
0.6667
0.4918
0.3683
0.2800
0.2158
0.1903
4.147
3.011
2.224
1.668
1.267
0.9753
7.632
5.380
3.861
2.815
2.083
1.564
1.190
0.9159
0.8067
11.45
8.070
5.792
4.223
3.125
2.346
1.785
1.374
1.210
17.93
12.33
8.588
6.064
4.338
3.142
2.302
1.705
1.472
32.51
21.61
14.66
10.13
7.135
5.111
3.720
2.746
2.371
Unit (k )
4.0
0.1
1.9
0.1
4.0
0.1
1.45
0.1
2.0
0.1
0.2
0.05
1.55
0.05
1.5
0.1
1.9
0.1
4.0
0.1
4.0
0.1
2.0
0.1
0.2
0.05
(1.45)
104HT
-TP
-
1P
:
1% 2P :
2%
HT
HTF
Minimum quantity:3000pcs/reel
0.2
0
SURFACE MOUNT TYPE THERMISTOR