Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

331410000 Datasheet(PDF) 2 Page - ITT Industries

Part # 331410000
Description  Thumbwheel Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

331410000 Datasheet(HTML) 2 Page - ITT Industries

  331410000 Datasheet HTML 1Page - ITT Industries 331410000 Datasheet HTML 2Page - ITT Industries 331410000 Datasheet HTML 3Page - ITT Industries 331410000 Datasheet HTML 4Page - ITT Industries 331410000 Datasheet HTML 5Page - ITT Industries 331410000 Datasheet HTML 6Page - ITT Industries 331410000 Datasheet HTML 7Page - ITT Industries 331410000 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
C&K 3 Series
Thumbwheel Switches
SERIES
NUMBER OF SECTIONS
FUNCTION CODE
N
Available Terminations: 0, 1, N
See fig. 1, page N-12.
Available Terminations: 1
See fig. 1, page N-12.
See fig. 1, page N-12.
Available Terminations: 0, 1, N
21
BCD 1-2-4-8; 10 POSITION
14
RESISTOR DECADE; 1-2-2-2-2 CODE
(RESISTORS NOT SUPPLIED)
11
DECIMAL–1 POLE; 10 POSITION
9
More than 8 switch sections, specify on CONFIGURATION FORM, page N–15 and consult Customer Service Center.
1-8 Number of switch sections in assembly, includes endplates.
0
Switch section only, no assembly. Blank bodies are considered sections; endplates are not sections.
Must be ordered with 09 or 19 mounting style options, see pages N–10 and N–11.
3
THUMBWHEEL SWITCHES
NOTE: Endplates and blank sections available separately, see pages N–13 and N–14.
NOTE: For terminal location diagram, see page N-12.
N–9
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Similar Part No. - 331410000

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3314 BOURNS-3314 Datasheet
239Kb / 4P
   4 mm Square Trimming Potentiometer
3314 BOURNS-3314 Datasheet
485Kb / 4P
   3314 - 4 mm Square Trimming Potentiometer
logo
ebm-papst
3314 EBMPAPST-3314 Datasheet
301Kb / 4P
   DC axial compact fan
logo
3M Electronics
3314 3M-3314 Datasheet
682Kb / 5P
   3M Pak 100 4-Wall Header
logo
Bourns Electronic Solut...
3314 BOURNS-3314 Datasheet
106Kb / 1P
   Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
More results

Similar Description - 331410000

ManufacturerPart #DatasheetDescription
logo
C&K Components
301100000 CK-COMPONENTS-301100000 Datasheet
387Kb / 8P
   Thumbwheel Switches
3 CK-COMPONENTS-3 Datasheet
1Mb / 8P
   Thumbwheel Switches
2020
302719P02 CK-COMPONENTS-302719P02 Datasheet
381Kb / 8P
   3 Series Thumbwheel Switches
logo
Omron Electronics LLC
A7MD OMRON-A7MD Datasheet
466Kb / 4P
   Ultra-small Thumbwheel-operated Switches
A7MA OMRON-A7MA Datasheet
109Kb / 5P
   Thumbwheel Switch
logo
List of Unclassifed Man...
A7CN ETC-A7CN Datasheet
101Kb / 5P
   Thumbwheel Switch
logo
Omron Electronics LLC
A7AS OMRON-A7AS Datasheet
77Kb / 4P
   Thumbwheel Switch
A7P-M OMRON-A7P-M Datasheet
1Mb / 25P
   Thumbwheel Switch
logo
Grayhill, Inc
62T22-N0-040C GRAYHILL-62T22-N0-040C Datasheet
258Kb / 2P
   Thumbwheel with Pushbutton
logo
Omron Electronics LLC
A7CN OMRON-A7CN Datasheet
493Kb / 6P
   Thumbwheel Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com