Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD131 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BD131
Description  NPN power transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BD131 Datasheet(HTML) 2 Page - NXP Semiconductors

  BD131 Datasheet HTML 1Page - NXP Semiconductors BD131 Datasheet HTML 2Page - NXP Semiconductors BD131 Datasheet HTML 3Page - NXP Semiconductors BD131 Datasheet HTML 4Page - NXP Semiconductors BD131 Datasheet HTML 5Page - NXP Semiconductors BD131 Datasheet HTML 6Page - NXP Semiconductors BD131 Datasheet HTML 7Page - NXP Semiconductors BD131 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Apr 12
2
Philips Semiconductors
Product specification
NPN power transistor
BD131
FEATURES
• High current (max. 3 A)
• Low voltage (max. 45 V).
APPLICATIONS
• General purpose power applications.
DESCRIPTION
NPN power transistor in a TO-126; SOT32 plastic
package. PNP complement: BD132.
PINNING
PIN
DESCRIPTION
1
emitter
2
collector, connected to metal part of
mounting surface
3
base
Fig.1
Simplified outline (TO-126; SOT32)
and symbol.
handbook, halfpage
MAM254
12
3
Top view
1
2
3
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
70
V
VCEO
collector-emitter voltage
open base
45
V
VEBO
emitter-base voltage
open collector
6V
IC
collector current (DC)
3A
ICM
peak collector current
6A
IBM
peak base current
0.5
A
Ptot
total power dissipation
Tmb ≤ 60 °C
15
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C


Similar Part No. - BD131

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD131 ISC-BD131 Datasheet
115Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BD131 SAVANTIC-BD131 Datasheet
108Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BD131 COMSET-BD131 Datasheet
101Kb / 2P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
BD131 COMSET-BD131 Datasheet
62Kb / 2P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
logo
Savantic, Inc.
BD131 SAVANTIC-BD131 Datasheet
110Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BD131

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUJ303CD PHILIPS-BUJ303CD_15 Datasheet
205Kb / 13P
   NPN power transistor
8 November 2012
BUJ303AD PHILIPS-BUJ303AD_15 Datasheet
199Kb / 14P
   NPN power transistor
Rev. 1-2 September 2011
BUJ303A PHILIPS-BUJ303A_15 Datasheet
565Kb / 13P
   NPN power transistor
Rev. 6-8 February 2012
logo
Unisonic Technologies
2SD1782 UTC-2SD1782_15 Datasheet
125Kb / 3P
   POWER NPN TRANSISTOR
logo
TRANSYS Electronics Lim...
2N3055HV TEL-2N3055HV Datasheet
201Kb / 3P
   NPN POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6530 NJSEMI-2N6530 Datasheet
81Kb / 2P
   NPN POWER TRANSISTOR
logo
WeEn Semiconductors
BUJ302AX WEEN-BUJ302AX Datasheet
794Kb / 12P
   NPN power transistor
PHE13003C WEEN-PHE13003C Datasheet
270Kb / 11P
   NPN power transistor
TB100 WEEN-TB100 Datasheet
254Kb / 10P
   NPN power transistor
logo
Unisonic Technologies
2SD1782 UTC-2SD1782 Datasheet
90Kb / 3P
   POWER NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com