Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3100F20-27PWF80 Datasheet(PDF) 6 Page - ITT Industries

Part # CA3100F20-27PWF80
Description  MIL-C-5015 Connectors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CA3100F20-27PWF80 Datasheet(HTML) 6 Page - ITT Industries

Back Button CA3100F20-27PWF80 Datasheet HTML 2Page - ITT Industries CA3100F20-27PWF80 Datasheet HTML 3Page - ITT Industries CA3100F20-27PWF80 Datasheet HTML 4Page - ITT Industries CA3100F20-27PWF80 Datasheet HTML 5Page - ITT Industries CA3100F20-27PWF80 Datasheet HTML 6Page - ITT Industries CA3100F20-27PWF80 Datasheet HTML 7Page - ITT Industries CA3100F20-27PWF80 Datasheet HTML 8Page - ITT Industries CA3100F20-27PWF80 Datasheet HTML 9Page - ITT Industries CA3100F20-27PWF80 Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ittcannon.com
172
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-5015 Connectors
MS-E/F/R/ER
Contact Arrangements (Continued)
LEGEND
Resilient only
Resilient & Plastic
Shell Size
No. of Contacts
Service Rating
20-7
8 #16
A(C-F)
D(A,B,G,H)
20-16
7 #16(A-G)
2 #12(H,I)
A
20-18
6 #16(A,C-E,G,H)
3 #12(B,F,I)
A
20-33
11 #16
A
20-11
13 #16
Inst.
20-27
14 #16
A
20-29
17 #16
A
22-7
1 #0
E
22-12
3 #16(A,C,D)
2 #8(B,E)
D
22-22
4 #8
A
22-10
4 #16
E
22-4
2 #12(A,C)
2 #8(B,D)
A
22-9
3 #12
E
22-6
1 #16(B)
2 #8(A,C)
D
22-2
3 #8
D
22-11
2 #16
B
22-13
1 #16(E)
4 #12(A-D)
A(A-D), D(E)
22-5
4 #16(A,C,D,F)
2 #12(B,E)
D
22-15
1 #16(D)
5 #12(A-C,E,F)
A(A-C,E,F),E(D)
22-28
7 #12
A
22-18
8 #16
A(C-E)
D(all others)
22-23
8 #12
D(H)
A(all others)
22-17
8 #16(A-D,F-J)
1 #12(E)
D(A), A(all others)
22-20
9 #16
A
24-10
7 #8
A
24-2
7 #12
D
24-12
3 #12(B,D,E)
2 #4(A,C,)
A
24-22
4 #8
D
24-9
2 #4
A
22-14
19 #16
A
22-19
14 #16
A
22-27
8 #16(A-H)
1 #8(J)
D(J), A (all others)
24-27
7 #16
E
24-6
8 #12
D(A,G,H)
A(all others)
24-11
6 #12(A-C,G-I)
3 #8(D-F)
A
24-20
9 #16(A-D,G-L)
2 #12(E,F)
D
24-19
12 #16
6 #12(B-G)
A
24A24
12 #12
A
24-5
16 #16
A
24-7
14 #16(A-M,O)
2 #12(P,N)
A
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
High Volume Layouts - readily
available from Cannon Distributors
¢
¢
¢
¢
¢
¢
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
E
E
E
E
E
E
E
E
E
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
D
D
D
D
D
E
E
E
F
F
F
G
G
G
H
H
H
J
J
K
L
M
M
N
N
P
P
R
S
T
U
V
L
K
J
E
E
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
J
J
H
H
H
H
G
G
G
G
G
G
G
G
G
G
G
H
H
H
H
H
H
H
I
J
J
J
J
J
J
K
K
K
K
K
L
L
L
L
L
M
M
M
M
N
N
N
O
P
P
S
R
G
G
G
A
A
A
A
A
A
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
G
G
G
H
H
H
J
J
J
J
K
K
K
L
L
L
M
M
M
N
N
N
P
R
S
T
F
F
F
G
G
G
H
J
J
M
L
J
K
H
H
H


Similar Part No. - CA3100F20-27PWF80

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3100 INTERSIL-CA3100 Datasheet
128Kb / 7P
   38MHz, Operational Amplifier
January 1999
logo
Harris Corporation
CA3100 HARRIS-CA3100 Datasheet
98Kb / 7P
   38MHz, Operational Amplifier
logo
ITT Industries
CA3100A ITT-CA3100A Datasheet
4Mb / 34P
   ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
CA3100A18-8P ITT-CA3100A18-8P Datasheet
4Mb / 34P
   CA/MS A and B
CA3100A18-8P ITT-CA3100A18-8P Datasheet
4Mb / 34P
   CA/MS A and B
More results

Similar Description - CA3100F20-27PWF80

ManufacturerPart #DatasheetDescription
logo
ITT Industries
5015 ITT-5015 Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
025-0458-000 ITT-025-0458-000 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Glenair, Inc.
M24758-9C11 GLENAIR-M24758-9C11 Datasheet
54Kb / 2P
   Adapter for MS3100 Series MIL-C-5015 Connectors
logo
ITT Industries
031-0560-121 ITT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0560-161 ITT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Dialight Corporation
031-0560-161 DIALIGHT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0554-161 DIALIGHT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 BULKHEAD RECEPTACLES
logo
Amphenol Corporation
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Dialight Corporation
031-0560-121 DIALIGHT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
ITT Industries
031-0554-161 ITT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com