Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCY78 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BCY78
Description  PNP switching transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCY78 Datasheet(HTML) 4 Page - NXP Semiconductors

  BCY78 Datasheet HTML 1Page - NXP Semiconductors BCY78 Datasheet HTML 2Page - NXP Semiconductors BCY78 Datasheet HTML 3Page - NXP Semiconductors BCY78 Datasheet HTML 4Page - NXP Semiconductors BCY78 Datasheet HTML 5Page - NXP Semiconductors BCY78 Datasheet HTML 6Page - NXP Semiconductors BCY78 Datasheet HTML 7Page - NXP Semiconductors BCY78 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1997 Jun 18
4
Philips Semiconductors
Product specification
PNP switching transistors
BCY78; BCY79
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
BCY78
IE = 0; VCB = −32 V
−−2
−15
nA
IE = 0; VCB = −32 V; Tamb = 150 °C
−−−10
µA
ICBO
collector cut-off current
BCY79
IE = 0; VCB = −45 V
−−2
−15
nA
IE = 0; VCB = −45 V; Tamb = 150 °C
−−−10
µA
IEBO
emitter cut-off current
IC = 0; VEB = −5V
−−−20
nA
hFE
DC current gain
IC = −10 µA; VCE = −5V
BCY78/VII; BCY79/VII
140
BCY78/VIII; BCY79/VIII
30
200
BCY78/IX; BCY79/IX
40
270
BCY78/X
100
340
hFE
DC current gain
IC = −2 mA; VCE = −5V
BCY78/VII; BCY79/VII
120
170
220
BCY78/VIII; BCY79/VIII
180
250
310
BCY78/IX; BCY79/IX
250
350
460
BCY78/X
380
500
630
hFE
DC current gain
IC = −10 mA; VCE = −1V
BCY78/VII; BCY79/VII
80
180
BCY78/VIII; BCY79/VIII
120
260
400
BCY78/IX; BCY79/IX
160
360
630
BCY78/X
240
500
1000
hFE
DC current gain
IC = −100 mA; VCE = −1V
BCY78/VII; BCY79/VII
40
−−
BCY78/VIII; BCY79/VIII
45
−−
BCY78/IX; BCY79/IX
60
−−
BCY78/X
60
−−
VCEsat
collector-emitter saturation voltage IC = −10 mA; IB = −250 µA
−−120 −250
mV
IC = −100 mA; IB = −2.5 mA
−−400 −800
mV
VBEsat
base-emitter saturation voltage
IC = −10 mA; IB = −250 µA
−600 −700 −850
mV
IC = −100 mA; IB = −2.5 mA
−700 −850 −1200 mV
VBE
base-emitter voltage
IC = −10 µA; VCE = −5V
−−550 −
mV
IC = −2 mA; VCE = −5V
−600 −650 −750
mV
IC = −10 mA; VCE = −1V
−−650 −
mV
IC = −100 mA; VCE = −1V
−−750 −
mV
Cc
collector capacitance
IE =ie = 0; VCB = −10 V; f = 1 MHz
−−
7pF
Ce
emitter capacitance
IC =ic = 0; VEB = −500 mV; f = 1 MHz
−−
15
pF
fT
transition frequency
IC = −10 mA; VCE = −5 V; f = 100 MHz 100
−−
MHz


Similar Part No. - BCY78

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BCY78 CENTRAL-BCY78 Datasheet
73Kb / 2P
   PNP SILICON TRANSISTOR
logo
Comset Semiconductor
BCY78 COMSET-BCY78 Datasheet
250Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BCY78 COMSET-BCY78 Datasheet
156Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
BCY78 CDIL-BCY78 Datasheet
85Kb / 5P
   PNP SILICON PLANAR TRANSISTORS
logo
New Jersey Semi-Conduct...
BCY78 NJSEMI-BCY78 Datasheet
132Kb / 2P
   PNP SILICON TRANSISTOR
More results

Similar Description - BCY78

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR15 NXP-BSR15 Datasheet
139Kb / 8P
   PNP switching transistors
2004 Jan 13
PMBT2907 NXP-PMBT2907 Datasheet
136Kb / 8P
   PNP switching transistors
2004 Jan 16
logo
Micro Commercial Compon...
2N2907 MCC-2N2907_11 Datasheet
459Kb / 3P
   PNP Switching Transistors
logo
NXP Semiconductors
2N2907 PHILIPS-2N2907 Datasheet
52Kb / 8P
   PNP switching transistors
1997 May 30
BSR15 PHILIPS-BSR15 Datasheet
45Kb / 8P
   PNP switching transistors
1999 Apr 15
logo
Micro Commercial Compon...
2N2907 MCC-2N2907 Datasheet
415Kb / 3P
   PNP Switching Transistors
logo
NXP Semiconductors
2N2906 PHILIPS-2N2906 Datasheet
52Kb / 8P
   PNP switching transistors
1997 Jun 02
logo
Guangdong Kexin Industr...
BSR15 KEXIN-BSR15 Datasheet
44Kb / 2P
   PNP Switching Transistors
logo
Comset Semiconductor
2N5679 COMSET-2N5679 Datasheet
79Kb / 3P
   PNP SWITCHING TRANSISTORS
logo
NXP Semiconductors
2N2905 PHILIPS-2N2905 Datasheet
55Kb / 8P
   PNP switching transistors
1997 May 28
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com