Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM5321ST Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM5321ST
Description  HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OM5321ST Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM5321ST Datasheet HTML 1Page - List of Unclassifed Manufacturers OM5321ST Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OM5320ST/RT/ST - OM5321ST/RT/ST
3.2
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
TURN-OFF CHARACTERISTICS
Symbols
Test Conditions
Min.
Typ.
Max.
Units
T
rr
I
F = 0.5 A; IR = 1 A; TJ = 25°C
I
F = 1 A; di/dt = -15 A/µs; VR = 30 V; TJ = 25°C
-
-
35
ns
I
RM
V
R = 350 V; IF = 8 A
-
2.5
3.75
A
L .05 µH; T
J = 100°C; diF/dt = -64 A/µs
ELECTRICAL CHARACTERISTICS (Per Leg)
Maximum
Maximum
Maximum
Type
PIV
Forward Voltage
Reverse Current
Reverse
@ 8 A
@ .8x PIV
Recovery
T
j = 25° C
T
j = 150° C
T
j = 25° C
T
j = 125° C
Time
OM5320XX
400
OM5321XX
600
1.65 V
1.50 V
60 µA
1.5 mA
35
DEFINITION OF TURN-OFF
CHARACTERISTICS
MECHANICAL OUTLINE
WITH PIN CONNECTION
TYPICAL REVERSE CURRENT
TYPICAL FORWARD VOLTAGE
i,v
O
IRM
IF
Qrr
trr
tfRM
tf
dif
dt
dif
dt
VR
0.25-VRM
0.9-IR
t
i
V
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
100
50
30
20
10
5
3
2
1
1.2
1.4
1.6
1.8
VF = Instantaneous Voltage (Volts)
TJ = 125°C
TJ = 25°C
100
50
10
5
1
20
40
60
80
100
% of VRRM
TJ = 150°C
TJ = 125°C
TJ = 25°C
12
3


Similar Part No. - OM5321ST

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM5324DA IRF-OM5324DA Datasheet
24Kb / 2P
   HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
OM5324RA IRF-OM5324RA Datasheet
24Kb / 2P
   HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
OM5324SA IRF-OM5324SA Datasheet
24Kb / 2P
   HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
OM5325DA IRF-OM5325DA Datasheet
24Kb / 2P
   HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
OM5325RA IRF-OM5325RA Datasheet
24Kb / 2P
   HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
More results

Similar Description - OM5321ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM5201ST ETC-OM5201ST Datasheet
35Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5201STRT ETC2-OM5201STRT Datasheet
25Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
logo
International Rectifier
OM5324SA IRF-OM5324SA Datasheet
24Kb / 2P
   HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
logo
List of Unclassifed Man...
OM5328SC ETC1-OM5328SC Datasheet
20Kb / 2P
   HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
OM5010ST ETC1-OM5010ST Datasheet
23Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY RECTIFIER
OM5009ST ETC2-OM5009ST Datasheet
23Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY RECTIFIER
OM5008ST ETC2-OM5008ST Datasheet
23Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY RECTIFIER
OM5011ST ETC2-OM5011ST Datasheet
23Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY SOFT RECOVERY RECTIFIER
OM5261ST ETC2-OM5261ST Datasheet
27Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP HIGH VOLTAGE RECTIFIER
OM5257SA ETC2-OM5257SA Datasheet
23Kb / 2P
   HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com