Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L59EYC Datasheet(PDF) 2 Page - Kingbright Corporation

Part # L59EYC
Description  T-1 3/3(5MM) BI-POLAR AND BI-COLOR INDICATOR LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L59EYC Datasheet(HTML) 2 Page - Kingbright Corporation

  L59EYC Datasheet HTML 1Page - Kingbright Corporation L59EYC Datasheet HTML 2Page - Kingbright Corporation L59EYC Datasheet HTML 3Page - Kingbright Corporation L59EYC Datasheet HTML 4Page - Kingbright Corporation L59EYC Datasheet HTML 5Page - Kingbright Corporation L59EYC Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: CDA0792
REV NO: V.1
DATE: NOV/18/2001
PAGE: 2 OF 6
APPROVED: J.LU
CHECKED:
DRAWN: Y.F.XU
Selection Guide
Absolute Maximum Ratings at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
Note:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
h
g
i
Hh
g
i
H h
g
i
H h
g
i
Hh
g
i
H
y
c
n
e
i
c
if
f
E
d
e
R
n
e
e
r
Gn
e
e
r
G
n
e
e
r
G
n
e
e
r
Gn
e
e
r
Gw
o
ll
e
Yw
o
ll
e
Y
w
o
ll
e
Y
w
o
ll
e
Yw
o
ll
e
Y
r
e
p
u
Sr
e
p
u
S
r
e
p
u
S
r
e
p
u
Sr
e
p
u
S
t
h
g
ir
B
d
e
R
r
e
p
u
Sr
e
p
u
S
r
e
p
u
S
r
e
p
u
Sr
e
p
u
S
t
h
g
ir
B
n
e
e
r
G
r
e
p
y
Hr
e
p
y
H
r
e
p
y
H
r
e
p
y
Hr
e
p
y
H
d
e
R
a
g
e
Ma
g
e
M a
g
e
M a
g
e
Ma
g
e
M
n
e
e
r
G
s
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P5
0
15
0
15
0
10
0
15
0
10
7
15
0
1W
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
C
D0
35
20
30
35
20
30
3A
m
]
1
[
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
P0
6
10
4
10
4
15
5
10
4
15
8
15
0
2A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R
5
5
55555
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
r
e
d
l
o
S
d
a
e
L
0
6
2 °
s
d
n
o
c
e
S
5
r
o
F
C
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
De
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
d
c
m
(
v
I)
d
c
m
(
v
I
)
d
c
m
(
v
I
)
d
c
m
(
v
I)
d
c
m
(
v
I
A
m
0
2
@
g
n
i
w
e
i
Vg
n
i
w
e
i
V
g
n
i
w
e
i
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T
2
/
1
θ
22
/
1
θ
2 2
/
1
θ
2 2
/
1
θ
22
/
1
θ
2
W
G
E
9
5
L
)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H
D
E
S
U
F
F
I
D
E
T
I
H
W
0
20
6
°
0
6
)
P
a
G
(
N
E
E
R
G
0
20
5
A
C
/
W
G
E
9
5
L
)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H
D
E
S
U
F
F
I
D
E
T
I
H
W
35
°
0
6
)
P
a
G
(
N
E
E
R
G
25
W
Y
E
9
5
L
)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H
D
E
S
U
F
F
I
D
E
T
I
H
W
0
20
6
°
0
6
)
P
a
G
/
P
s
A
a
G
(
W
O
L
L
E
Y
0
20
4
W
Y
G
9
5
L
)
P
a
G
(
N
E
E
R
G
D
E
S
U
F
F
I
D
E
T
I
H
W
0
20
5
°
0
6
)
P
a
G
/
P
s
A
a
G
(
W
O
L
L
E
Y
0
20
4
C
C
/
W
G
S
R
S
9
5
L
)
s
A
l
A
a
G
(
D
E
R
T
H
G
I
R
B
R
E
P
U
S
D
E
S
U
F
F
I
D
E
T
I
H
W
0
0
10
0
2
°
0
6
)
P
a
G
(
N
E
E
R
G
T
H
G
I
R
B
R
E
P
U
S
0
40
6
W
K
G
M
K
R
U
S
9
5
L
)
P
l
A
a
G
n
I(
D
E
R
R
E
P
Y
H
D
E
S
U
F
F
I
D
E
T
I
H
W
0
8
30
0
8
°
0
6
)
P
I
A
a
G
n
I(
N
E
E
R
G
A
G
E
M
0
50
7
1
C
G
E
9
5
L
)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H
R
A
E
L
C
R
E
T
A
W
0
70
5
1
°
4
2
)
P
a
G
(
N
E
E
R
G
0
70
5
1
C
Y
E
9
5
L
)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H
R
A
E
L
C
R
E
T
A
W
0
0
10
5
1
°
4
2
)
P
a
G
/
P
s
A
a
G
(
W
O
L
L
E
Y
0
20
6
C
Y
G
9
5
L
)
P
a
G
(
N
E
E
R
G
R
A
E
L
C
R
E
T
A
W
0
70
5
1
°
4
2
)
P
a
G
/
P
s
A
a
G
(
W
O
L
L
E
Y
0
20
6
C
C
/
C
G
S
R
S
9
5
L
)
s
A
l
A
a
G
(
D
E
R
T
H
G
I
R
B
R
E
P
U
S
R
A
E
L
C
R
E
T
A
W
0
0
30
0
6
°
4
2
)
P
a
G
(
N
E
E
R
G
T
H
G
I
R
B
R
E
P
U
S
0
70
0
2
C
G
S
K
R
U
S
9
5
L
)
P
l
A
a
G
n
I(
D
E
R
R
E
P
Y
H
R
A
E
L
C
R
E
T
A
W
0
0
90
0
6
1
°
4
2
)
P
a
G
(
N
E
E
R
G
T
H
G
I
R
B
R
E
P
U
S
0
70
0
2


Similar Part No. - L59EYC

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
L59 VCC-L59 Datasheet
591Kb / 2P
   Snapfit indicator lights for mounting hole
logo
STMicroelectronics
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5951 STMICROELECTRONICS-L5951 Datasheet
119Kb / 13P
   TRIPLE OUTPUT MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO WITH IDR/CLASS 2 INTERFACE
L5952 STMICROELECTRONICS-L5952 Datasheet
145Kb / 15P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
L5953 STMICROELECTRONICS-L5953 Datasheet
217Kb / 24P
   MULTIPLE SWITCHING VOLTAGE REGULATOR
September 2003
More results

Similar Description - L59EYC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-57 KINGBRIGHT-L-57 Datasheet
207Kb / 6P
   T-1 3/4(5mm) BI-POLAR AND BI-COLOR INDICATOR LAMPS
logo
Chicago Miniature Lamp,...
CMD5491A CML-CMD5491A Datasheet
64Kb / 1P
   T-1 3/4 Bi-Color/Bi-Polar LED Lamps
logo
List of Unclassifed Man...
L819 ETC-L819 Datasheet
181Kb / 6P
   10MM BI-POLAR AND BI COLOR INDICATOR LAMPS
logo
Kingbright Corporation
W5A9EGW123SF KINGBRIGHT-W5A9EGW123SF Datasheet
88Kb / 3P
   T-1 3/4(5mm) BI-COLOR INDICATOR LAMP
L-59EGW KINGBRIGHT-L-59EGW Datasheet
59Kb / 3P
   T-1 3/4(5mm) BI-COLOR INDICATOR LAMP
logo
SunLED Corporation
LUGR59M SUNLED-LUGR59M Datasheet
226Kb / 5P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
LUGY59M SUNLED-LUGY59M Datasheet
228Kb / 5P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
logo
Kingbright Corporation
WP57EGW KINGBRIGHT-WP57EGW Datasheet
454Kb / 7P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
WP57GYW KINGBRIGHT-WP57GYW Datasheet
455Kb / 7P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
WP59EGW KINGBRIGHT-WP59EGW Datasheet
462Kb / 7P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com