Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L59EGC Datasheet(PDF) 5 Page - Kingbright Corporation

Part # L59EGC
Description  T-1 3/3(5MM) BI-POLAR AND BI-COLOR INDICATOR LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L59EGC Datasheet(HTML) 5 Page - Kingbright Corporation

  L59EGC Datasheet HTML 1Page - Kingbright Corporation L59EGC Datasheet HTML 2Page - Kingbright Corporation L59EGC Datasheet HTML 3Page - Kingbright Corporation L59EGC Datasheet HTML 4Page - Kingbright Corporation L59EGC Datasheet HTML 5Page - Kingbright Corporation L59EGC Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPEC NO: CDA0792
REV NO: V.1
DATE: NOV/18/2001
PAGE: 5 OF 6
APPROVED: J.LU
CHECKED:
DRAWN: Y.F.XU
Super Bright Red / Super Bright Green L59SRSGW/CC ,L59SRSGC/CC
Green / Yellow L59GYW, L59GYC


Similar Part No. - L59EGC

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
L59 VCC-L59 Datasheet
591Kb / 2P
   Snapfit indicator lights for mounting hole
logo
STMicroelectronics
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5951 STMICROELECTRONICS-L5951 Datasheet
119Kb / 13P
   TRIPLE OUTPUT MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO WITH IDR/CLASS 2 INTERFACE
L5952 STMICROELECTRONICS-L5952 Datasheet
145Kb / 15P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
L5953 STMICROELECTRONICS-L5953 Datasheet
217Kb / 24P
   MULTIPLE SWITCHING VOLTAGE REGULATOR
September 2003
More results

Similar Description - L59EGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-57 KINGBRIGHT-L-57 Datasheet
207Kb / 6P
   T-1 3/4(5mm) BI-POLAR AND BI-COLOR INDICATOR LAMPS
logo
Chicago Miniature Lamp,...
CMD5491A CML-CMD5491A Datasheet
64Kb / 1P
   T-1 3/4 Bi-Color/Bi-Polar LED Lamps
logo
List of Unclassifed Man...
L819 ETC-L819 Datasheet
181Kb / 6P
   10MM BI-POLAR AND BI COLOR INDICATOR LAMPS
logo
Kingbright Corporation
W5A9EGW123SF KINGBRIGHT-W5A9EGW123SF Datasheet
88Kb / 3P
   T-1 3/4(5mm) BI-COLOR INDICATOR LAMP
L-59EGW KINGBRIGHT-L-59EGW Datasheet
59Kb / 3P
   T-1 3/4(5mm) BI-COLOR INDICATOR LAMP
logo
SunLED Corporation
LUGR59M SUNLED-LUGR59M Datasheet
226Kb / 5P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
LUGY59M SUNLED-LUGY59M Datasheet
228Kb / 5P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
logo
Kingbright Corporation
WP57EGW KINGBRIGHT-WP57EGW Datasheet
454Kb / 7P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
WP57GYW KINGBRIGHT-WP57GYW Datasheet
455Kb / 7P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
WP59EGW KINGBRIGHT-WP59EGW Datasheet
462Kb / 7P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com