Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-4N4SR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C-4N4SR
Description  FOUR DIGITS DISPLAY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C-4N4SR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C-4N4SR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C/A-4N4X
FOUR DIGITS DISPLAY
Part No.
Chip
Electro-Optical Characteristics
Vf(V)20mA
Iv(ucd)10mA
Shape
Common
Cathode
Common
Anode
Raw
Material
Emitted
Color
Wave
Length
λp(nm)
Typ.
Max.
Typ.
Fig. No.
C-4N4H
A-4N4H
GaP
Red
700
2.1
2.8
550
C-4N4E
A-4N4E
GaAsP/GaP Hi.effi Red
635
2.0
2.8
2000
C-4N4G
A-4N4G
GaP
Green
565
2.1
2.8
1800
C-4N4Y
A-4N4Y
GaAsP/GaP Yellow
585
2.1
2.8
1700
C-4N4SR
A-4N4SR
GaAlAs
Super Red
660
1.8
2.4
8000
D51
Fig.D51
1.All dimension are in millimeters (inches).
2.Tolerance is ±0.25 mm (0.01”) unless otherwise specified.


Similar Part No. - C-4N4SR

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-4-1393640-1 TEC-C-4-1393640-1 Datasheet
346Kb / 2P
   RECEPTACLE ASSEMBLY EUROCARD TYPE M WITH 6 AND 8 SPECIAL CONTACTS
C-4-1440000-6 TEC-C-4-1440000-6 Datasheet
324Kb / 2P
   OMI-SS-D/L Customer Drawing
logo
Tyco Electronics
C-4-1440006-0 MACOM-C-4-1440006-0 Datasheet
155Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
logo
TE Connectivity Ltd
C-4-1579001-5 TEC-C-4-1579001-5 Datasheet
123Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
C-4-1579001-7 TEC-C-4-1579001-7 Datasheet
210Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - C-4N4SR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-244CX ETC-C-244CX Datasheet
101Kb / 1P
   FOUR DIGITS DISPLAY
logo
PARA LIGHT ELECTRONICS ...
C-284CX-14 PARALIGHT-C-284CX-14 Datasheet
99Kb / 1P
   FOUR DIGITS DISPLAY
logo
List of Unclassifed Man...
C-404CX ETC1-C-404CX Datasheet
92Kb / 1P
   FOUR DIGITS DISPLAY
C-564 ETC1-C-564 Datasheet
86Kb / 1P
   FOUR DIGITS DISPLAY
logo
Ningbo Foryard Optoelec...
FYQ-3141AX-00 FORYARD-FYQ-3141AX-00 Datasheet
417Kb / 5P
   0.31Inch (8.00mm) digit height Four Digits Display
FYQ-3941KX-00 FORYARD-FYQ-3941KX-00 Datasheet
379Kb / 5P
   0.39Inch (9.90mm) digit height Four Digits Display
FYQ-3942CX-00 FORYARD-FYQ-3942CX-00 Datasheet
383Kb / 5P
   0.39Inch (10.00mm) digit height Four Digits Display
FYQ-4041AX-00 FORYARD-FYQ-4041AX-00 Datasheet
382Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041CX-00 FORYARD-FYQ-4041CX-00 Datasheet
380Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041EX-00 FORYARD-FYQ-4041EX-00 Datasheet
377Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com