Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74LVC16601A Datasheet(PDF) 4 Page - Integrated Device Technology

Part No. IDT74LVC16601A
Description  3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS, 5 VOLT TOLERANT I/O
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT74LVC16601A Datasheet(HTML) 4 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74LVC16601A
3.3VCMOS 18-BIT UNIVERSAL BUS TRANSCEIVER
OPERATING CHARACTERISTICS, VCC = 3.3V ± 0.3V, TA = 25°C
Symbol
Parameter
Test Conditions
Typical
Unit
CPD
PowerDissipationCapacitanceperTransceiverOutputsenabled
CL = 0pF, f = 10Mhz
pF
CPD
PowerDissipationCapacitanceperTransceiverOutputsdisabled
SWITCHING CHARACTERISTICS(1)
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
5.4
4.6
ns
tPHL
Ax to Bx or Bx to Ax
tPLH
PropagationDelay
6.2
5.2
ns
tPHL
LEBA to Ax, LEAB to Bx
tPLH
PropagationDelay
6.3
5.3
ns
tPHL
CLKBA to Ax, CLKAB to Bx
tPZH
OutputEnableTime
6.8
5.6
ns
tPZL
OEBA to Ax, OEAB to Bx
tPHZ
OutputDisableTime
6
5.2
ns
tPLZ
OEBA to Ax, OEAB to Bx
tSU
Set-up Time HIGH or LOW, Ax to CLKAB, Bx to CLKBA
1.5
1.5
ns
tH
Hold Time HIGH or LOW, Ax to CLKAB, Bx to CLKBA
0.8
0.8
ns
tSU
Set-up Time HIGH or LOW
Clock LOW
1
1
ns
Ax to LEAB, Bx to LEBA
Clock HIGH
1
1
tSU
Set-up Time, CLKENAB to CLKAB
2.1
2.1
ns
tSU
Set-up Time, CLKENBA to CLKBA
2.1
2.1
ns
tH
Hold Time HIGH or LOW, Ax after LEAB, Bx after LEBA
1.8
1.8
ns
tH
Hold Time, CLKENAB after CLKAB
0.5
0.5
ns
tH
Hold Time, CLKENBA after CLKBA
0.5
0.5
ns
tW
LEAB or LEBA Pulse Width HIGH
3
3
ns
tW
CLKAB or CLKBA Pulse Width HIGH or LOW
3
3
ns
tSK(o)
OutputSkew(2)
——
500
ps
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2. Skew between any two outputs of the same package and switching in the same direction.


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT74LVCHR162245A3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3 STATE OUTPUTS 5 VOLT TOLERANT I/O BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC16646A3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH16646A3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH245A3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74FCT1636013.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH32245A3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH165013.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC2245A3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC245A3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC162245A3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn