Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

IDT74LVC377A Datasheet(PDF) 1 Page - Integrated Device Technology

Part No. IDT74LVC377A
Description  3.3V CMOS 8-BIT REGISTER WITH CLOCK ENABLE AND 5 VOLT TOLERANT I/O
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT74LVC377A Datasheet(HTML) 1 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVC377A
3.3VCMOSOCTAL8-BITREGISTERWITHCLOCKENABLE
1
OCTOBER 1999
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 1999 Integrated Device Technology, Inc.
DSC-4589/1
FEATURES:
• 0.5 MICRON CMOS Technology
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
•VCC = 3.3V ± 0.3V, Normal Range
•VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4
µµµµµ W typ. static)
• Rail-to-rail output swing for increased noise margin
• All inputs, outputs, and I/O are 5V tolerant
• Supports hot insertion
• Available in SOIC, SSOP, QSOP, and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
APPLICATIONS:
• 5V and 3.3V mixed voltage systems
• Data communication and telecommunication systems
DRIVE FEATURES:
• High Output Drivers: ±24mA
• Reduced system switching noise
IDT74LVC377A
DESCRIPTION:
This 8-bit register with clock enable is built using advanced dual metal
CMOS technology. This high-speed, low power device is an 8-bit register
with a buffered common clock, buffered output drive, and synchronous clock
enable, that is ideal for driving high capacitance loads such as memory
address and data buses.
All pins can be driven from either 3.3V or 5V devices. This feature allows
the use of these devices as translators in a mixed 3.3V/5V supply system.
3.3V CMOS 8-BIT REGISTER
WITH CLOCK ENABLE
AND 5 VOLT TOLERANT I/O
D
C
Dx
CE
CP
Q
Ox


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn