Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

IDT74LVC377A Datasheet(PDF) 4 Page - Integrated Device Technology

Part No. IDT74LVC377A
Description  3.3V CMOS 8-BIT REGISTER WITH CLOCK ENABLE AND 5 VOLT TOLERANT I/O
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT74LVC377A Datasheet(HTML) 4 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74LVC377A
3.3VCMOSOCTAL8-BITREGISTERWITHCLOCKENABLE
OPERATING CHARACTERISTICS, VCC = 3.3V ± 0.3V, TA = 25°C
Symbol
Parameter
Test Conditions
Typical
Unit
CPD
PowerDissipationCapacitanceperTransceiverOutputsenabled
CL = 0pF, f = 10Mhz
pF
CPD
PowerDissipationCapacitanceperTransceiverOutputsdisabled
SWITCHING CHARACTERISTICS(1)
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
1.5
9.5
1
8.5
ns
tPHL
CP to Ox
tSU
Data Setup Time, Dx to CP
2.5
2.5
ns
tH
Data Hold Time, Dx to CP
1.5
1.5
ns
tSU
Clock Enable Data Setup Time, CE to CP
3
3
ns
tH
Clock Enable Data Hold Time, CE to CP
1.5
1.5
ns
tW
CLK Pulse Width, HIGH or LOW
3.3
3.3
ns
tSK(o)
OutputSkew(2)
——
500
ps
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2. Skew between any two outputs of the same package and switching in the same direction.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn