Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

IDT74LVC377A Datasheet(PDF) 2 Page - Integrated Device Technology

Part No. IDT74LVC377A
Description  3.3V CMOS 8-BIT REGISTER WITH CLOCK ENABLE AND 5 VOLT TOLERANT I/O
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT74LVC377A Datasheet(HTML) 2 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74LVC377A
3.3VCMOSOCTAL8-BITREGISTERWITHCLOCKENABLE
NOTE:
1. As applicable to the device type.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8
pF
CI/O
I/O Port Capacitance
VIN = 0V
6.5
8
pF
CAPACITANCE (TA= +25°C, F = 1.0MHz)
Symbol
Description
Max
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +6.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–50 to +50
mA
IIK
Continuous Clamp Current,
–50
mA
IOK
VI < 0 or VO < 0
ICC
Continuous Current through each
±100
mA
ISS
VCC or GND
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
PIN CONFIGURATION
SOIC/ SSOP/ QSOP/ TSSOP
TOP VIEW
Pin Names
Description
CE
Clock Enable Input (Active LOW)
C P
Clock Input
Ox
Data Outputs
Dx
Data Inputs
PIN DESCRIPTION
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1
VCC
GND
CE
O0
D0
D1
O1
O2
D2
D3
CP
O3
O7
D7
D6
O6
O5
D5
D4
O4
FUNCTION TABLE (1)
Inputs
Internal
Outputs
CE
CP
Dx
Q Value
Ox
Function
H
X
N C
N C
Hold Value
L
L
L
L
LoadInputData
L
HH
H
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
↑ = LOW-to-HIGH Transition


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn