Electronic Components Datasheet Search |
|
8161SABE223 Datasheet(PDF) 8 Page - ITT Industries |
|
8161SABE223 Datasheet(HTML) 8 Page - ITT Industries |
8 / 10 page A–57 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ittcannon.com Third Angle Projection C&K 8060 Series Alternate Action and Momentary Pushbutton Switches CONTACT MATERIAL SNAP-IN PC MOUNTING PC MOUNTING V31 VERTICAL MOUNT, V-BRACKET, SNAP-IN V3, V4 VERTICAL MOUNT, V-BRACKET V31 VERTICAL MOUNT, V-BRACKET, SNAP-IN V3, V4 VERTICAL MOUNT, V-BRACKET Not available with I seal. Not available with I seal. 8161SH9__BE2 SPDT 8261SH9__BE2 DPDT V3, V31 .460 (11,68) V4 .630 (16,00) DIM ‘A’ OPTION CODE V3, V31 .460 (11,68) V4 .630 (16,00) DIM ‘A’ OPTION CODE 1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate. 2 END CONTACTS: Coin silver, with gold plate over nickel plate. 3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over nickel plate. 4 END CONTACTS: Coin silver, silver plated. 5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated. 6 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate. 7 TERMINALS: Copper alloy, with matte-tin over nickel plate. NOTE: Any models supplied with P, S, R,Q, B or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models with all options when ordered with S, R, G, L, M or Q contact material. B contact material standard with all terminations except C, Z & Z3. Q contact material standard with C, Z & Z3 terminations. P, S, R, K, L & M contact materials not available with Z & Z3 terminations. A OPTION CODE CONTACT MATERIAL TERMINAL PLATING RATINGS SILVER 5 TIN-LEAD 6 MATTE-TIN 7 GOLD 1 SILVER 4,5 GOLD OVER SILVER 2,3 GOLD 3 TIN-LEAD 6 MATTE-TIN 7 GOLD 1 TIN-LEAD 6 MATTE-TIN 7 LOW LEVEL/DRY CIRCUIT POWER LOW LEVEL/DRY CIRCUIT OR POWER 0.4 VA MAX. @ 20 V AC OR DC MAX. 6 AMPS @ 120 V AC OR 28 V DC; 3 AMPS @ 250 V AC. 0.4 VA MAX @ 20 V AC OR DC MAX. OR 6 AMPS @ 120 V AC OR 28 V DC; 3 AMPS @ 250 V AC. B K P Q M S G L R TERMINATIONS RoHS COMPLIANT * RoHS COMPATIBLE * * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. YES YES YES YES YES YES YES YES YES YES NO YES YES NO YES YES NO YES |
Similar Part No. - 8161SABE223 |
|
Similar Description - 8161SABE223 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |