Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUM85N03-08P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SUM85N03-08P
Description  N-Channel Reduced Qg, Fast Switching MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM85N03-08P Datasheet(HTML) 3 Page - Vishay Siliconix

  SUM85N03-08P Datasheet HTML 1Page - Vishay Siliconix SUM85N03-08P Datasheet HTML 2Page - Vishay Siliconix SUM85N03-08P Datasheet HTML 3Page - Vishay Siliconix SUM85N03-08P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUM85N03-08P
Vishay Siliconix
Document Number: 71816
S-32523—Rev. D, 08-Dec-03
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
0
20
40
60
80
100
0
20406080
100
0.000
0.005
0.010
0.015
0.020
0
20406080
100
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
50
100
150
200
0
2468
10
Output Characteristics
Transfer Characteristics
Capacitance
Gate Charge
Transconductance
On-Resistance vs. Drain Current
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
Qg − Total Gate Charge (nC)
ID − Drain Current (A)
VDS − Drain-to-Source Voltage (V)
25_C
−55_C
3 V
TC = 125_C
VDS = 15 V
ID = 30 A
VGS = 10 thru 5 V
VGS = 10 V
Crss
TC = −55_C
25_C
125_C
VGS = 4.5 V
ID − Drain Current (A)
0
500
1000
1500
2000
2500
0
6
12
18
24
30
Ciss
Coss
4 V
2 V


Similar Part No. - SUM85N03-08P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM85N03-06P VISHAY-SUM85N03-06P Datasheet
89Kb / 6P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 08-Dec-03
SUM85N03-06P VISHAY-SUM85N03-06P Datasheet
202Kb / 4P
   N-Channel 30-V (D-S) 175Celsius MOSFET
Rev. B, 30-Jul-07
SUM85N03-06P-E3 VISHAY-SUM85N03-06P-E3 Datasheet
89Kb / 6P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 08-Dec-03
logo
VBsemi Electronics Co.,...
SUM85N03-06P-E3 VBSEMI-SUM85N03-06P-E3 Datasheet
1Mb / 10P
   N-Channel 30 V (D-S) 175 째C MOSFET
logo
Vishay Siliconix
SUM85N03-06P VISHAY-SUM85N03-06P_07 Datasheet
202Kb / 4P
   N-Channel 30-V (D-S) 175Celsius MOSFET
Rev. B, 30-Jul-07
More results

Similar Description - SUM85N03-08P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7860DP-T1 VISHAY-SI7860DP-T1 Datasheet
147Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. E, 09-Feb-09
SI4872DY VISHAY-SI4872DY Datasheet
57Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. A, 17-Jul-00
SI4850EY VISHAY-SI4850EY Datasheet
61Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 29-Mar-04
SI6802DQ VISHAY-SI6802DQ Datasheet
59Kb / 4P
   N-Channel, Reduced Qg, Fast Switching MOSFET
Rev. C, 18-Dec-96
logo
DinTek Semiconductor Co...
DTB6035 DINTEK-DTB6035 Datasheet
235Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
logo
Vishay Siliconix
SI4800BDY VISHAY-SI4800BDY Datasheet
252Kb / 9P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI4398DY VISHAY-SI4398DY Datasheet
104Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 14-Feb-11
SI4800BDY VISHAY-SI4800BDY_17 Datasheet
185Kb / 8P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI7384DP VISHAY-SI7384DP Datasheet
96Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 03-Mar-08
SI4800BDY-T1 VISHAY-SI4800BDY-T1 Datasheet
252Kb / 9P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI9422DY VISHAY-SI9422DY Datasheet
53Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 23-Nov-98
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com