Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUM60N06-15 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. SUM60N06-15
Description  N-Channel 60-V (D-S) 175C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SUM60N06-15 Datasheet(HTML) 5 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SUM60N06-15
Vishay Siliconix
Document Number: 72080
S-32406—Rev. B, 24-Nov-03
www.vishay.com
5
THERMAL RATINGS
0
10
20
30
40
50
60
70
0
25
50
75
100
125
150
175
Safe Operating Area
VDS − Drain-to-Source Voltage (V)
1000
10
0.1
1
10
100
Limited
by rDS(on)
0.1
100
TC = 25_C
Single Pulse
Maximum Drain Current vs.
Case Temperature
TC − Ambient Temperature (_C)
1
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10−4
10−3
10−2
10−1
1
0.2
0.1
0.05
0.02
Duty Cycle = 0.5
Single Pulse
dc, 100 ms
10 ms
1 ms
10 ms
100 ms


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn