Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT-0095 Datasheet(PDF) 5 Page - FCI connector

Part # HT-0095
Description  Mini PV Receptacles 22-32 AWG Crimping Hand Tool
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

HT-0095 Datasheet(HTML) 5 Page - FCI connector

  HT-0095 Datasheet HTML 1Page - FCI connector HT-0095 Datasheet HTML 2Page - FCI connector HT-0095 Datasheet HTML 3Page - FCI connector HT-0095 Datasheet HTML 4Page - FCI connector HT-0095 Datasheet HTML 5Page - FCI connector HT-0095 Datasheet HTML 6Page - FCI connector HT-0095 Datasheet HTML 7Page - FCI connector HT-0095 Datasheet HTML 8Page - FCI connector HT-0095 Datasheet HTML 9Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ELECTRONICS
FCI Electronics
Manual Part No. 415988-001
Issued: Date (03/12/99)
Page 5 of 18
Rev. 05/07/01 ECR V10337
Revision B
K\DCU\Manuals
Principles of Operation
The lever attaches to the lower tooling and provides the mechanical advantage to generate the
necessary crimping pressure. As the lever is closed, a ratchet mechanism engages to prevent the
lever from opening until the crimping cycle is complete. When the lever is pulled closed, the lower
tooling and terminal are pushed up against the upper tooling. The crimp is formed between the
wire and insulation barrel anvils and the wire and insulation crimpers. Once closed, the ratchet
releases and allows a spring to pull the lever open.
Specifications
(See TA-75, TA-146)
When crimping the Mini PV™ to wires, the following parameters must be met.
Wire Length Requirements:
• Minimum ……………………………………..19.05 mm (0.75 in.)
• Maximum …………………………………….As Required
Insulation Diameters of Wires:
• "A" Side (28-32 AWG) ………………………0.71-1.37 mm (0.028-0.054 in.) Dia.
• "B" Side (22-26 AWG) ………………………0.91-1.52 mm (0.036-0.060 in.) Dia.
Strip Length of Insulation:
• Discrete and Latch
Housing Applications ……………………….3.81-4.31 mm (0. 150- 0.170 in.)
• Rod Housing
Applications ………………………………….3.30-3.81 mm (0. 130-0.150 in.)
Wire Barrel Crimp Height:
(For All Applications)
• Single Wire 22-26 AWG or
Two Wires 26-28 AWG ……………………..0.81-0.86 mm (0.032-0.034 in.)
• Single Wire 28-32 AWG or
Two Wires 30-32 AWG ……………………..0.66-0.71 mm (0.026-0.028 in.)
Insulation Barrel Crimp Height:
• Discrete Application …………………………2.84 mm (0. 112 in.) Max.
• Latch and Rod Housing
Applications ………………………………….1.75 mm (0.069 in.) Max.
Mini PV™ Receptacles:
• Loose Piece ………………………………….22-32 AWG
NOTE: Loose piece terminals have different part numbers than reeled terminals.
PDM: Rev:B
Released
STATUS:
Printed: Dec 19, 2002


Similar Part No. - HT-0095

ManufacturerPart #DatasheetDescription
logo
FCI connector
HT-0102 FCI-CONNECTOR-HT-0102 Datasheet
225Kb / 10P
   HT-0102 Hand Tool Manual
logo
Hirose Electric
HT-025-1 HIROSE-HT-025-1 Datasheet
305Kb / 5P
   Stripline Mounting Non-reflective Terminations
HT-025-2 HIROSE-HT-025-2 Datasheet
305Kb / 5P
   Stripline Mounting Non-reflective Terminations
HT-05-2 HIROSE-HT-05-2 Datasheet
305Kb / 5P
   Stripline Mounting Non-reflective Terminations
More results

Similar Description - HT-0095

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WC-160 ETC2-WC-160 Datasheet
23Kb / 1P
   Hand crimping tool
WC-110 ETC2-WC-110 Datasheet
240Kb / 2P
   Hand crimping tool
WC260PFLAP ETC1-WC260PFLAP Datasheet
227Kb / 2P
   Hand crimping tool
logo
Japan Aviation Electron...
CT170-14B-MX23 JAE-CT170-14B-MX23 Datasheet
671Kb / 11P
   Crimping Hand Tool
logo
Tyco Electronics
90384-1 MACOM-90384-1 Datasheet
131Kb / 4P
   Hand Crimping Tool
logo
Winchester Electronics ...
107-6 WINCHESTER-107-6 Datasheet
34Kb / 1P
   HAND-CRIMPING TOOL OUTLINE
logo
TE Connectivity Ltd
408-6757 TEC-408-6757 Datasheet
315Kb / 5P
   Hydraulic Hand Crimping Tool
logo
Amphenol Communications...
BASICS-HANDTOOL AMPHENOLCS-BASICS-HANDTOOL Datasheet
423Kb / 3P
   PV® Hand Tool
logo
TE Connectivity Ltd
408-6803 TEC-408-6803 Datasheet
446Kb / 4P
   Hydraulic Hand Crimping Tool
logo
Tyco Electronics
408-8717 MACOM-408-8717 Datasheet
136Kb / 3P
   Hydraulic Hand Crimping Tool
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com