Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT-0095 Datasheet(PDF) 14 Page - FCI connector

Part # HT-0095
Description  Mini PV Receptacles 22-32 AWG Crimping Hand Tool
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

HT-0095 Datasheet(HTML) 14 Page - FCI connector

Back Button HT-0095 Datasheet HTML 10Page - FCI connector HT-0095 Datasheet HTML 11Page - FCI connector HT-0095 Datasheet HTML 12Page - FCI connector HT-0095 Datasheet HTML 13Page - FCI connector HT-0095 Datasheet HTML 14Page - FCI connector HT-0095 Datasheet HTML 15Page - FCI connector HT-0095 Datasheet HTML 16Page - FCI connector HT-0095 Datasheet HTML 17Page - FCI connector HT-0095 Datasheet HTML 18Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ELECTRONICS
FCI Electronics
Manual Part No. 415988-001
Issued: Date (03/12/99)
Page 14 of 18
Rev. 05/07/01 ECR V10337
Revision B
K\DCU\Manuals
2. Remove the two holding spring’s (17) and the guide pins (15) from the terminal holder.
3. Loosen the two 2-56 setscrews (12) in the top of the terminal holder (10), which secure the
holding pins (14).
4. Using needle-nose pliers, remove both holding pins (14) by pulling straight out from terminal
holder (10). Discard the damaged holding pin(s).
Holding Pin Installation
CAUTION
Over tightening the two 2-56 setscrews (12) in the top of the terminal holder (10) can
flatten the holding pins (14), making them extremely difficult to remove.
1. Install two new holding pins (14) (0.025 in. square BergPin™ material 0.430 in. long) into
terminal holder (10) until pins are flush with the extended supports. Be sure that a flat side of
each pin is at right angles to the two 2-56 setscrew holes on top of the terminal holder (10).
2. Lightly tighten the two 2-56 setscrews (12) into the terminal holder (10) to secure the holding
pins (14).
3. Re-install the two guides pins (15), "0" rings (16), and the two holding spring’s (17).
4. Re-install the terminal holder (10) to the anvil holder (4), and tighten the two 2-56 setscrews
(12) in the anvil holder (4) onto the flats of the guide pins (15).
5. Crimp a terminal to a proper-sized wire, and inspect the terminal as described in Section II,
paragraph B.
PDM: Rev:B
Released
STATUS:
Printed: Dec 19, 2002


Similar Part No. - HT-0095

ManufacturerPart #DatasheetDescription
logo
FCI connector
HT-0102 FCI-CONNECTOR-HT-0102 Datasheet
225Kb / 10P
   HT-0102 Hand Tool Manual
logo
Hirose Electric
HT-025-1 HIROSE-HT-025-1 Datasheet
305Kb / 5P
   Stripline Mounting Non-reflective Terminations
HT-025-2 HIROSE-HT-025-2 Datasheet
305Kb / 5P
   Stripline Mounting Non-reflective Terminations
HT-05-2 HIROSE-HT-05-2 Datasheet
305Kb / 5P
   Stripline Mounting Non-reflective Terminations
More results

Similar Description - HT-0095

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WC-160 ETC2-WC-160 Datasheet
23Kb / 1P
   Hand crimping tool
WC-110 ETC2-WC-110 Datasheet
240Kb / 2P
   Hand crimping tool
WC260PFLAP ETC1-WC260PFLAP Datasheet
227Kb / 2P
   Hand crimping tool
logo
Japan Aviation Electron...
CT170-14B-MX23 JAE-CT170-14B-MX23 Datasheet
671Kb / 11P
   Crimping Hand Tool
logo
Tyco Electronics
90384-1 MACOM-90384-1 Datasheet
131Kb / 4P
   Hand Crimping Tool
logo
Winchester Electronics ...
107-6 WINCHESTER-107-6 Datasheet
34Kb / 1P
   HAND-CRIMPING TOOL OUTLINE
logo
TE Connectivity Ltd
408-6757 TEC-408-6757 Datasheet
315Kb / 5P
   Hydraulic Hand Crimping Tool
logo
Amphenol Communications...
BASICS-HANDTOOL AMPHENOLCS-BASICS-HANDTOOL Datasheet
423Kb / 3P
   PV® Hand Tool
logo
TE Connectivity Ltd
408-6803 TEC-408-6803 Datasheet
446Kb / 4P
   Hydraulic Hand Crimping Tool
logo
Tyco Electronics
408-8717 MACOM-408-8717 Datasheet
136Kb / 3P
   Hydraulic Hand Crimping Tool
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com