Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4947 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4947
Description  Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4947 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4947 Datasheet HTML 1Page - National Semiconductor (TI) LM4947 Datasheet HTML 2Page - National Semiconductor (TI) LM4947 Datasheet HTML 3Page - National Semiconductor (TI) LM4947 Datasheet HTML 4Page - National Semiconductor (TI) LM4947 Datasheet HTML 5Page - National Semiconductor (TI) LM4947 Datasheet HTML 6Page - National Semiconductor (TI) LM4947 Datasheet HTML 7Page - National Semiconductor (TI) LM4947 Datasheet HTML 8Page - National Semiconductor (TI) LM4947 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3 to V
DD +0.3
ESD Susceptibility (Note 3)
2.0kV
ESD Machine model (Note 6)
200V
Junction Temperature (T
J)
150˚C
Solder Information
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
Thermal Resistance
θ
JA (typ) - TLA25CBA
65˚C/W
Operating Ratings
Temperature Range
−40˚C to 85˚C
Supply Voltage (V
DD)
2.7V
≤ V
DD
≤ 5.5V
Supply Voltage (I
2C)
2.2V
≤ V
DD
≤ 5.5V
Supply Voltage (Loudspeaker V
DD)
2.7V
≤ V
DD
≤ 5.5V
Electrical Characteristics 3.3V (Notes 2, 7)
The following specifications apply for V
DD = 3.3V, TA = 25˚C, and all gains are set for 0dB unless otherwise specified.
Symbol
Parameter
Conditions
LM4947
Units
(Limits)
Typical
(Note 4)
Limits
(Note 5)
I
DDQ
Quiescent Supply Current
Output Modes 2, 4, 6
V
IN = 0V; No load,
OCL = 0 (Table 2)
4.5
6.5
mA (max)
Output Modes 1, 3, 5, 7
V
IN = 0V; No load, BTL,
OCL = 0 (Table 2)
6.5
8
mA (max)
I
SD
Shutdown Current
Output Mode 0
0.1
1
µA (max)
V
OS
Output Offset Voltage
V
IN = 0V, Mode 7, Mono
2
15
mV (max)
V
IN = 0V, Mode 7, Headphones
2
15
P
O
Output Power
MONO
OUT;RL =8
THD+N = 1%; f = 1kHz, BTL, Mode 1
500
400
mW (min)
R
OUT and LOUT;RL =32
THD+N = 1%; f = 1kHz, SE, Mode 4
37
33
mW (min)
THD+N
Total Harmonic Distortion Plus
Noise
MONO
OUT
f = 1kHz, P
OUT = 250mW;
R
L =8
Ω, BTL, Mode 1
0.03
%
R
OUT and LOUT
f = 1kHz, P
OUT = 12mW;
R
L =32
Ω, SE, Mode 4
0.02
%
N
OUT
Output Noise
A-weighted, 0dB
inputs terminated, output referred
Speaker; Mode 1
39
µV
Speaker; Mode 3
39
µV
Speaker; Mode 5
42
µV
Speaker; Mode 7
38
µV
Headphone; SE, Mode 2
15
µV
Headphone; SE, Mode 4
15
µV
Headphone; SE, Mode 6
17
µV
Headphone; OCL, Mode 2
12
µV
Headphone; OCL, Mode 4
15
µV
Headphone; OCL, Mode 6
17
µV
www.national.com
4


Similar Part No. - LM4947

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4947 TI1-LM4947 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
LM4947 TI1-LM4947 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System
LM4947TL/NOPB TI1-LM4947TL/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System
LM4947TLEVAL TI1-LM4947TLEVAL Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
More results

Similar Description - LM4947

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
LM49270 TI1-LM49270 Datasheet
2Mb / 28P
[Old version datasheet]   Filterless 2.2W Stereo Class D Audio Subsystem with OCL Headphone Amplifier, 3D Enhancement, and Headphone Sense
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
logo
National Semiconductor ...
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
Texas Instruments
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
[Old version datasheet]   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com