Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX456AQF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ICX456AQF
Description  High-Resolution 8.13M-Pixel Diagonal 11.07 mm (Type 2/3) Color CCD for Consumer Digital Still Cameras Supports 30 frames/s VGA Moving Picture Imaging
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICX456AQF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ICX456AQF Datasheet HTML 1Page - List of Unclassifed Manufacturers ICX456AQF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I Photograph 1 Resolution Charts
I Photograph 2 Sample Prints
I Table 1 Device Structure
I Table 2 Image Sensor Characteristics
ICX282 (5.07M pixels): About 1500 TV lines
ICX456 (8.13M pixels): About 1900 TV lines
2M pixels
ICX456 (8.13M pixels)
[Enlargement]
The appearance of sharpness and
detail is retained when the print
size is enlarged by 2
× in both the
horizontal and vertical directions
[Cropping or Digital Zoom]
This sensor provides an image
quality equivalent to a 2M-pixel
camera when the image is cropped
by 1/2 in both directions, or when a
2
× digital zoom is applied.
Image size
Transfer method
Readout method
Total number of pixels
Number of effective pixels
Number of active pixels
Number of recommended
recording pixels
(Aspect ratio: 4:3)
Unit cell size
Horizontal drive frequency
Package
28-pin plastic DIP/SOP
Item
Diagonal 11.07 mm (Type 2/3)
Frame readout interline transfer method
3-field readout
Approx. 8.31M (3350H
× 2482V)
Approx. 8.13M (3288H
× 2472V)
Approx. 8.07M (3280H
× 2460V)
Approx. 7.99M (3264H
× 2448V)
2.7
µm (H) × 2.7 µm (V)
33.75 MHz
ICX456AQ/AQF
Sensitivity (G signal)
Item
ICX456AQ/AQF
200 mV
Remarks
3200 K, 706 cd/m2,
1/30 s accumulation, F5.6
Saturation
signal
420 mV
Ta = 60
°C
–90 dB
Smear
(F5.6)
–80.5 dB
None when a mechanical
shutter is used, V/10
method
–74.4 dB
3.33 frames/s
Frame
rate
30 frames/s
Number of output lines: 412
60 frames/s
Frame readout mode
Frame readout mode
4/12-line readout mode∗
4/24-line readout mode∗
Frame readout mode
4/12-line readout mode∗
4/24-line readout mode∗
Number of output lines: 206
∗: With horizontal addition
Note: This device was designed for use in consumer digital still cameras and may not be appropriate for other applications. Contact your Sony representative for consultation when
considering this product for use on other applications.


Similar Part No. - ICX456AQF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX452 SONY-ICX452 Datasheet
38Kb / 2P
   Diagonal 9.04 mm (Type 1/1.8) 5.13M-Pixel CCD Image Sensor for High-Resolution Digital Still Cameras
ICX452AQ SONY-ICX452AQ Datasheet
38Kb / 2P
   Diagonal 9.04 mm (Type 1/1.8) 5.13M-Pixel CCD Image Sensor for High-Resolution Digital Still Cameras
ICX452AQF SONY-ICX452AQF Datasheet
38Kb / 2P
   Diagonal 9.04 mm (Type 1/1.8) 5.13M-Pixel CCD Image Sensor for High-Resolution Digital Still Cameras
logo
List of Unclassifed Man...
ICX454 ETC-ICX454 Datasheet
31Kb / 2P
   Progressive Scan 2.04M-Pixel Diagonal 6.72 mm (Type 1/2.7) Digital Still Camera CCD
ICX454DQ ETC-ICX454DQ Datasheet
31Kb / 2P
   Progressive Scan 2.04M-Pixel Diagonal 6.72 mm (Type 1/2.7) Digital Still Camera CCD
More results

Similar Description - ICX456AQF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICX488DQ ETC1-ICX488DQ Datasheet
65Kb / 2P
   High-Resolution 4.11M-Pixel Diagonal 6.75 mm (Type 1/2.7) Color CCD for Consumer Digital Still Cameras Supports 30 frames/s VGA Moving Picture Imaging
ICX489AQF ETC-ICX489AQF Datasheet
45Kb / 2P
   High-Resolution 7.24M-Pixel Diagonal 9.107 mm (Type 1/1.8) Color CCD for Consumer Digital Still Cameras Supports VGA Moving Picture Imaging
logo
Sony Corporation
ICX452 SONY-ICX452 Datasheet
38Kb / 2P
   Diagonal 9.04 mm (Type 1/1.8) 5.13M-Pixel CCD Image Sensor for High-Resolution Digital Still Cameras
ICX285AQ SONY-ICX285AQ Datasheet
219Kb / 23P
   Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX282AQ SONY-ICX282AQ Datasheet
529Kb / 48P
   Diagonal 11mm (Type 2/3) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX085AK SONY-ICX085AK Datasheet
199Kb / 19P
   Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX282AKF SONY-ICX282AKF Datasheet
526Kb / 48P
   Diagonal 11mm (Type 2/3) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX282AK SONY-ICX282AK Datasheet
507Kb / 48P
   Diagonal 11mm (Type 2/3) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
logo
List of Unclassifed Man...
ICX454 ETC-ICX454 Datasheet
31Kb / 2P
   Progressive Scan 2.04M-Pixel Diagonal 6.72 mm (Type 1/2.7) Digital Still Camera CCD
logo
Sony Corporation
ICX204AK SONY-ICX204AK Datasheet
280Kb / 23P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com