Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9411BSV-170 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9411BSV-170
Description  10-Bit, 170/200 MSPS 3.3 V A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9411BSV-170 Datasheet(HTML) 5 Page - Analog Devices

  AD9411BSV-170 Datasheet HTML 1Page - Analog Devices AD9411BSV-170 Datasheet HTML 2Page - Analog Devices AD9411BSV-170 Datasheet HTML 3Page - Analog Devices AD9411BSV-170 Datasheet HTML 4Page - Analog Devices AD9411BSV-170 Datasheet HTML 5Page - Analog Devices AD9411BSV-170 Datasheet HTML 6Page - Analog Devices AD9411BSV-170 Datasheet HTML 7Page - Analog Devices AD9411BSV-170 Datasheet HTML 8Page - Analog Devices AD9411BSV-170 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD9411
Rev. A | Page 5 of 28
DIGITAL SPECIFICATIONS
AVDD = 3.3 V, DRVDD = 3.3 V, TMIN = –40°C, TMAX = +85°C, unless otherwise noted.
Table 3.
AD9411-170
AD9411-200
Parameter
Temp
Test Level
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUTS
(CLK+, CLK–)1
Differential Input Voltage2
Full
IV
0.2
0.2
V
Common-Mode Voltage3
Full
VI
1.375
1.5
1.575
1.375
1.5
1.575
V
Input Resistance
Full
VI
3.2
5.5
6.5
3.2
5.5
6.5
kΩ
Input Capacitance
25°C
V
4
4
pF
LOGIC INPUTS (S1, S2, S4, S5)
Logic 1 Voltage
Full
IV
2.0
2.0
V
Logic 0 Voltage
Full
IV
0.8
0.8
V
Logic 1 Input Current
Full
VI
190
190
µA
Logic 0 Input Current
Full
VI
10
10
µA
Input Resistance
25°C
V
30
30
kΩ
Input Capacitance
25°C
V
4
4
pF
LVDS LOGIC OUTPUTS4
VOD Differential Output Voltage
Full
VI
247
454
247
454
mV
VOS Output Offset Voltage
Full
VI
1.125
1.375
1.125
1.375
V
Output Coding
Twos Complement or Binary
Twos Complement or Binary
1 See the
section.
Equivalent Circuits
2 All ac specifications tested by driving CLK+ and CLK– differentially, |(CLK+) – (CLK–)| > 200 mV.
3 Clock inputs’ common mode can be externally set, such that 0.9 V < CLK
± < 2.6 V.
4 LVDS RTERM = 100 Ω, LVDS output current set resistor (RSET) = 3.74 kΩ (1% tolerance).


Similar Part No. - AD9411BSV-170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9411PCB AD-AD9411PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
More results

Similar Description - AD9411BSV-170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9211 AD-AD9211 Datasheet
296Kb / 21P
   10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
Rev. PrA
AD9430 AD-AD9430_10 Datasheet
1Mb / 44P
   12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9430 AD-AD9430_15 Datasheet
1Mb / 44P
   12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9731 AD-AD9731_15 Datasheet
851Kb / 12P
   10-Bit, 170 MSPS D/A Converter
REV. B
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
AD9732 AD-AD9732_15 Datasheet
148Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
AD9430 AD-AD9430 Datasheet
1Mb / 20P
   12-Bit, 170 MSPS 3.3V A/D Converter
REV. PrG 4/01/2002
AD9480 AD-AD9480_17 Datasheet
640Kb / 29P
   8-Bit, 250 MSPS 3.3 V A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com