Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3793RHBR Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3793RHBR
Description  16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3793RHBR Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button PCM3793RHBR Datasheet HTML 7Page - Burr-Brown (TI) PCM3793RHBR Datasheet HTML 8Page - Burr-Brown (TI) PCM3793RHBR Datasheet HTML 9Page - Burr-Brown (TI) PCM3793RHBR Datasheet HTML 10Page - Burr-Brown (TI) PCM3793RHBR Datasheet HTML 11Page - Burr-Brown (TI) PCM3793RHBR Datasheet HTML 12Page - Burr-Brown (TI) PCM3793RHBR Datasheet HTML 13Page - Burr-Brown (TI) PCM3793RHBR Datasheet HTML 14Page - Burr-Brown (TI) PCM3793RHBR Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
www.ti.com
Frequency [ f ]
´ S
G005
–20
–15
–10
–5
0
5
0
0.0005
0.001
0.0015
0.002
Frequency [
f ]
´ S
G006
–20
–15
–10
–5
0
5
0
0.01
0.02
0.03
0.04
Frequency – Hz
G007
–15
–10
–5
0
5
10
15
0.01
0.1
1
10
1k
100
10k
100k
Frequency – Hz
G008
–15
–10
–5
0
5
10
15
0
200
600
400
800
1k
PCM3793
PCM3794
SLES193A – AUGUST 2006 – REVISED SEPTEMBER 2006
TYPICAL PERFORMANCE CURVES (continued)
All specifications at T
A = 25°C, VDD = VIO = VCC = VPA = 3.3 V, fS = 8 to 48 kHz, system clock = 256 fS, and 16-bit data,
unless otherwise noted.
HIGH-PASS FILTER PASS-BAND CHARACTERISTICS
HIGH-PASS FILTER PASS-BAND CHARACTERISTICS
(fC = 4 Hz at fS = 48 kHz)
(fC = 240 Hz at fS = 48 kHz)
Figure 5.
Figure 6.
All specifications at T
A = 25°C, VDD = VIO = VCC = VPA = 3.3 V, fS = 44.1 kHz, system clock = 256 fS, and 16-bit data, unless
otherwise noted.
THREE-BAND TONE CONTROL (BASS, MIDRANGE,
TREBLE)
THREE-BAND TONE CONTROL (BASS)
Figure 7.
Figure 8.
11
Submit Documentation Feedback


Similar Part No. - PCM3793RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3793RHBR TI1-PCM3793RHBR Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power Stereo Audio CODEC
More results

Similar Description - PCM3793RHBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3793A BURR-BROWN-PCM3793A Datasheet
1Mb / 68P
   16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
PA5331 PROTEC-PA5331 Datasheet
744Kb / 27P
   Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Texas Instruments
TLV320AIC26 TI-TLV320AIC26_07 Datasheet
968Kb / 74P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
TLV320AIC26 TI-TLV320AIC26 Datasheet
628Kb / 63P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com