Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54550PWPRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54550PWPRG4
Description  4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54550PWPRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS54550PWPRG4 Datasheet HTML 1Page - Texas Instruments TPS54550PWPRG4 Datasheet HTML 2Page - Texas Instruments TPS54550PWPRG4 Datasheet HTML 3Page - Texas Instruments TPS54550PWPRG4 Datasheet HTML 4Page - Texas Instruments TPS54550PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS54550PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS54550PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS54550PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS54550PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ELECTROSTATIC DISCHARGE
RECOMMENDED OPERATING CONDITIONS
TPS54550
SLVS623A – MARCH 2006 – REVISED APRIL 2006
over operating free-air temperature range unless otherwise noted(1)
UNIT
VIN
-0.3 V to 21.5 V
VSENSE
-0.3 V to 8.0 V
UVLO
-0.3 V to 8.0 V
VI
Input voltage range
SYNC
-0.3 V to 4.0 V
SSENA
-0.3 V to 4.0 V
BOOT
VI(PH) + 8.0 V
VBIAS
-0.3 to 8.5 V
LSG
-0.3 to 8.5 V
SYNC
-0.3 to 4.0 V
VO
Output voltage range
RT
-0.3 to 4.0 V
PWRGD
-0.3 to 6.0 V
COMP
-0.3 to 4.0 V
PH
-1.5 V to 22 V
PH
Internally Limited (A)
IO
Source current
LSG (Steady State Current)
10 mA
COMP, VBIAS
3 mA
SYNC
5 mA
LSG (Steady State Current)
100 mA
IS
Sink current,
PH (Steady State Current)
500 mA
COMP
3 mA
SSENA, PWRGD
10 mA
Voltage differential
AGND to PGND
±0.3 V
TJ
Junction temperature
+150°C
Tstg
Storage temperature
-65°C to +150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
TYP
MAX
UNIT
Human Body Model
HBM
JESD22-A114
1.5
kV
Charged Device Model
CDM
JESD22-C101
1.5
kV
MIN
NOM
MAX
UNIT
VI
Input voltage range
4.5
20
V
TJ
Operating junction temperature
-40
125
°C
3
Submit Documentation Feedback


Similar Part No. - TPS54550PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54550 TI-TPS54550 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
More results

Similar Description - TPS54550PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54350PWPR TI-TPS54350PWPR Datasheet
876Kb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRANTED FET(SWIFT)
TPS54350 TI-TPS54350_15 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTERATED FET (SWIFT)
TPS54350 TI1-TPS54350_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54352 TI1-TPS54352_16 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com