Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR102JPGS215QF6 Datasheet(PDF) 1 Page - ITT Industries

Part # CR102JPGS215QF6
Description  Round Single Pole Specialty Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CR102JPGS215QF6 Datasheet(HTML) 1 Page - ITT Industries

  CR102JPGS215QF6 Datasheet HTML 1Page - ITT Industries CR102JPGS215QF6 Datasheet HTML 2Page - ITT Industries CR102JPGS215QF6 Datasheet HTML 3Page - ITT Industries CR102JPGS215QF6 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions are shown: Inch (mm)
Dimensions subject to change
www.ittcannon.com
8
C&K CR Series
Round Single Pole Specialty Rocker Switches
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages 8 thru 10. For additional options not shown in catalog, consult Customer Service Center.
Specifications
CONTACT RATING:
UL: 10 AMPS @ 125 VAC, 6 AMPS @ 250 VAC.
VDE µ T85: 10 AMPS @ 125 VAC, 6 AMPS @ 250 VAC.
ELECTRICAL LIFE: 10,000 make and break cycles at full load.
INSULATION RESISTANCE: 108
Ω min.
DIELECTRIC STRENGTH: 1,500 VRMS @ sea level.
Features/Benefits
Round actuator and body
Nice styling
Multiple illuminated versions
available
IP65 splash proof rubber
boot option
Materials
HOUSING AND ACTUATOR: 6/6 nylon (UL94V-2), matte finish.
ILLUMINATED ACTUATOR: Polycarbonate, matte finish.
CENTER CONTACTS: Silver plated, copper alloy.
END CONTACTS: Silver plated AgSn02ln03.
ALL TERMINALS: Silver plated, copper alloy.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Typical Applications
Appliances, small and large
Office equipment
Computers and peripherals
Lamp Rating
(NONE)
(STD.) No lamp
6
LED
7
125 VAC neon
8
250 VAC neon
Mounting Style/Color
S2 (STD.) Snap-in, black
S1 Snap-in, white
Actuator
J1 Rocker
J2 * Two-tone rocker
J3 Illuminated rocker
J4 Circle, illuminated rocker
J5 Oval, illuminated rocker
JN Paddle, rocker
JP Paddle, illuminated rocker
Termination
15 (STD.) .187” quick connect
Switch Function
CR101 SPDT On-None-On
CR102 SPST On-None-Off
Actuator Color
2 (STD). Black
1 White
3 Red
R Red, illuminated
A Amber, illuminated
G Green, illuminated
Contact Rating
QF (STD.) Silver
®C
US
* Refer to table on page 10 for actuator options


Similar Part No. - CR102JPGS215QF6

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CR102JPGS215QF6 ITT-CR102JPGS215QF6 Datasheet
274Kb / 4P
   Round Single Pole Specialty Rocker Switches
More results

Similar Description - CR102JPGS215QF6

ManufacturerPart #DatasheetDescription
logo
ITT Industries
C101J12S215QF ITT-C101J12S215QF Datasheet
274Kb / 4P
   Round Single Pole Specialty Rocker Switches
logo
C&K Components
CR101J12S2156 CK-COMPONENTS-CR101J12S2156 Datasheet
880Kb / 4P
   Round Single Pole Specialty Rocker Switches
CR CK-COMPONENTS-CR Datasheet
375Kb / 4P
   Round Single Pole Specialty Rocker Switches
2018
DA101J11S215DQF6 CK-COMPONENTS-DA101J11S215DQF6 Datasheet
286Kb / 4P
   Miniature Single Pole Rocker Switches
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
DA CK-COMPONENTS-DA Datasheet
505Kb / 4P
   Miniature Single Pole Rocker Switches
15 May 20
logo
ITT Industries
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CL101J72S205DQA7 CK-COMPONENTS-CL101J72S205DQA7 Datasheet
651Kb / 4P
   Single Pole Power Rocker Switches
CL CK-COMPONENTS-CL Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CM101J12S205DQA7 CK-COMPONENTS-CM101J12S205DQA7 Datasheet
563Kb / 4P
   Single Pole Power Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com