Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA2UOACAUPNTABBLK Datasheet(PDF) 5 Page - E-SWITCH

Part # TA2UOACAUPNTABBLK
Description  PUSHBUTTON SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TA2UOACAUPNTABBLK Datasheet(HTML) 5 Page - E-SWITCH

  TA2UOACAUPNTABBLK Datasheet HTML 1Page - E-SWITCH TA2UOACAUPNTABBLK Datasheet HTML 2Page - E-SWITCH TA2UOACAUPNTABBLK Datasheet HTML 3Page - E-SWITCH TA2UOACAUPNTABBLK Datasheet HTML 4Page - E-SWITCH TA2UOACAUPNTABBLK Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SERIES TA/LT
Phone: 612-504-3525
Fax: 612-531-8235
7153 Northland Dr., Brooklyn Park, MN 55428
122
PUSHBUTTON ASSEMBLIES
HOW TO ORDER SINGLE STATION ASSEMBLIES
Desc.(TA0003-00)
ID#AO21251
Standard
2.38 mm holes (.094)
Desc.(TA0003-02)
ID#A021276
Tapped For 4-40 screws
Desc.(TA0003-03)
ID#A021252
3.18 mm holes (.125)
12x
TA
15
(TAB/Red)
2U
EE
A
AG
P
N
Example:
1*
*Single Key
Chassis
TA
LT
0003-00
0003-02
0003-03
TAA1
TAB2
TAC1
TAD1
TAE1
TAG2
TAK3
TAL3
TAM4
TA12
TA28005
.08
.09
.094
TH100
TH120
TH201
2U
4U
6U
8U
10U
16U
EE=
Latching
OA=
Momentary
A
B
C
E
F
AG=
Silver
AU=
Gold
P=
Standard
V=
Valox
N=
BBM
S=
MBB
N=
BBM
S=
MBB
(None)
Blk, Wht
Gry, Red
Blu, Chr
Exceptions to Part Number:
List By Chassis Station #
examples: Station4=4UOA
Station3=TAB/Wht
O R I E N TATION: PC pins down, plungers
f o rward– station No. 1 on left.
1
Blk, Gry, Wht,
Red Only
2
Blk, Gry, Wht,
Red, Chr Only
3
Blk & Gry Only
4
Blk, Gry, Wht Only
5
Blk & Red Only
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
TA
LT
In mm:
10 (.394”)
12.5 (.492”)
15 (.591”)
17.5 (.689”)
20 (.787”)
TAA1
TAB2
TAC1
TAD1
TAE1
TAG2
TAK3
TAL3
TAM4
TA12
TA28005
.08
.09
.094
TH100
TH120
TH201
Blk, Wht
Gry, Red
Blu, Chr
2U
4U
6U
8U
10U
16U
EE=
Latching
OA=
Momentary
GR=
Interlocked
A
B
C
E
F
AG=
Silver
AU=
Gold
P=
Standard
V=
Valox
See Below
for
Procedure
Blk, Gry
Yel, Blu
Red, Grn
Wht
Wht, Yel
Orn, Grn
Blu
HOW TO ORDER MULTISTATION ASSEMBLIES
Blk, Gry
Yel, Blu
Red, Grn
Wht
Wht, Yel
Orn, Grn
Blu
SINGLE KEY CHASSIS
TA0003-00
FRONT
BOTTOM
ASSEMBLY CHASSIS


Similar Part No. - TA2UOACAUPNTABBLK

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TA2 MAGNETROL-TA2 Datasheet
1Mb / 12P
   THERMATEL짰THERMALDISPERSION
logo
Tumbler Technologies + ...
TA2 TRUMPOWER-TA2 Datasheet
30Kb / 1P
   DC/DC CONVERTERS
logo
TiMOTION Technology Co....
TA2 TIMOTION-TA2 Datasheet
807Kb / 10P
   Max. load 1,000N (push/pull)
20230814-V
logo
Tumbler Technologies + ...
TA2-4D1205 TRUMPOWER-TA2-4D1205 Datasheet
30Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 24-pin DIP, 4-6 Watt
TA2-4D1205 TRUMPOWER-TA2-4D1205 Datasheet
30Kb / 1P
   DC/DC CONVERTERS
More results

Similar Description - TA2UOACAUPNTABBLK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
logo
C&K Components
SF4UEE CK-COMPONENTS-SF4UEE Datasheet
440Kb / 10P
   Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com